Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6366TCX Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM8AF6366TCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6366TCX Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM8AF6366TCX Datasheet HTML 17Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 18Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 19Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 20Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 21Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 22Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 23Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 24Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 116 page
background image
DocID031156 Rev 1
21/116
STM8AF6388
Product overview
114
TIM1 - advanced control timer
This is a high-end timer designed for a wide range of control applications. With its
complementary outputs, dead-time control and center-aligned PWM capability, the field of
applications is extended to motor control, lighting and bridge driver.
16-bit up, down and up/down AR (auto-reload) counter with 16-bit fractional prescaler.
Four independent CAPCOM channels configurable as input capture, output compare,
PWM generation (edge and center aligned mode) and single pulse mode output
Trigger module which allows the interaction of TIM1 with other on-chip peripherals. In
the present implementation it is possible to trigger the ADC upon a timer event.
External trigger to change the timer behavior depending on external signals
Break input to force the timer outputs into a defined state
Three complementary outputs with adjustable dead time
Interrupt sources: 4 x input capture/output compare, 1 x overflow/update, 1 x break
TIM2, TIM3 - 16-bit general purpose timers
16-bit auto-reload up-counter
15-bit prescaler adjustable to fixed power of two ratios 1…32768
Timers with three or two individually configurable CAPCOM channels
Interrupt sources: 2 or 3 x input capture/output compare, 1 x overflow/update
5.7.5
Basic timer
The typical usage of this timer (TIM4) is the generation of a clock tick.
8-bit auto-reload, adjustable prescaler ratio to any power of two from 1 to 128
Clock source: master clock
Interrupt source: 1 x overflow/update
Table 4. Advanced control and general purpose timers
Timer
Counter
width
Counter
type
Prescaler
factor
Channels
Inverted
outputs
Repetition
counter
trigger
unit
External
trigger
Break
input
TIM1
16-bit
Up/down 1 to 65536
4
3
Yes
Yes
Yes
Yes
TIM2
16-bit
Up
2n
n = 0 to 15
3
None
No
No
No
No
TIM3
16-bit
Up
2n
n = 0 to 15
2
None
No
No
No
No
Table 5. TIM4
Timer
Counter
width
Counter
type
Prescaler
factor
Channels
Inverted
outputs
Repetition
counter
trigger
unit
External
trigger
Break
input
TIM4
8-bit
Up
2n
n = 0 to 7
0
None
No
No
No
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com