Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6366TCX Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM8AF6366TCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6366TCX Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM8AF6366TCX Datasheet HTML 10Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 11Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 12Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 13Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 14Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 15Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 16Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 17Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 116 page
background image
Product overview
STM8AF6388
14/116
DocID031156 Rev 1
5
Product overview
This section is intended to describe the family features that are actually implemented in the
products covered by this datasheet.
For more detailed information on each feature please refer to STM8S series and STM8AF
series 8-bit microcontrollers reference manual (RM0016).
5.1
STM8A central processing unit (CPU)
The 8-bit STM8A core is a modern CISC core and has been designed for code efficiency
and performance. It contains 21 internal registers (six directly addressable in each
execution context), 20 addressing modes including indexed indirect and relative addressing
and 80 instructions.
5.1.1
Architecture and registers
Harvard architecture
3-stage pipeline
32-bit wide program memory bus with single cycle fetching for most instructions
X and Y 16-bit index registers, enabling indexed addressing modes with or without
offset and read-modify-write type data manipulations
8-bit accumulator
24-bit program counter with 16-Mbyte linear memory space
16-bit stack pointer with access to a 64 Kbyte stack
8-bit condition code register with seven condition flags for the result of the last
instruction.
5.1.2
Addressing
20 addressing modes
Indexed indirect addressing mode for look-up tables located anywhere in the address
space
Stack pointer relative addressing mode for efficient implementation of local variables
and parameter passing
5.1.3
Instruction set
80 instructions with 2-byte average instruction size
Standard data movement and logic/arithmetic functions
8-bit by 8-bit multiplication
16-bit by 8-bit and 16-bit by 16-bit division
Bit manipulation
Data transfer between stack and accumulator (push/pop) with direct stack access
Data transfer using the X and Y registers or direct memory-to-memory transfers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com