Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6366TCX Datasheet(PDF) 40 Page - STMicroelectronics

Part # STM8AF6366TCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6366TCX Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM8AF6366TCX Datasheet HTML 36Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 37Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 38Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 39Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 40Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 41Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 42Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 43Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 116 page
background image
Memory and register map
STM8AF6388
40/116
DocID031156 Rev 1
7
Memory and register map
7.1
Memory map
Figure 8. Register and memory map
Up to 128 Kbyte of Flash
program memory
0x00 0000
6 Kbyte RAM
stack
0x00 4800
up to 2 Kbyte data EEPROM
Reserved
Flash program memory end address
Interrupt vectors
0x00 6000
0x00 6800
0x00 8000
CPU/SWIM/debug/ITC
registers
0x00 7F00
Reserved
Reserved
Option bytes
0x00 4900
0x00 4000
0x00 8080
Reserved
Hardware registers
0x00 5000
0x00 5800
2 Kbyte of Boot ROM
MS38340V1
0x00 1400
0x00 17FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com