Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6366TCX Datasheet(PDF) 70 Page - STMicroelectronics

Part # STM8AF6366TCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6366TCX Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STM8AF6366TCX Datasheet HTML 66Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 67Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 68Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 69Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 70Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 71Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 72Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 73Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 116 page
background image
Electrical characteristics
STM8AF6388
70/116
DocID031156 Rev 1
10.3.4
Internal clock sources and timing characteristics
Subject to general operating conditions for VDD and TA.
High-speed internal RC oscillator (HSI)
Figure 21. Typical HSI frequency vs VDD
Table 31. HSI oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI
Frequency
-
-
16
-
MHz
ACCHS
HSI oscillator user
trimming accuracy
Trimmed by the application
for any VDD and TA
conditions
-1
-
1
%
HSI oscillator accuracy
(factory calibrated)
VDD = 3.0 V ≤ VDD ≤ 5.5 V,
-40 °C
≤ TA ≤ 150 °C
-5
-
5
tsu(HSI) HSI oscillator wakeup time
-
-
-
2(1)
1. Guaranteed by characterization results, not tested in production.
µs
-3%
-2%
-1%
0%
1%
2%
3%
2.53
3.544.5
5
5.5
6
VDD [V]
-40°C
25°C
85°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com