Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6366TCX Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM8AF6366TCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6366TCX Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM8AF6366TCX Datasheet HTML 59Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 60Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 61Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 62Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 63Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 64Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 65Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 66Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 116 page
background image
DocID031156 Rev 1
63/116
STM8AF6388
Electrical characteristics
114
10.3.1
VCAP external capacitor
Stabilization for the main regulator is achieved connecting an external capacitor CEXT to the
VCAP pin. CEXT is specified in Table 22. Care should be taken to limit the series inductance
to less than 15 nH.
Figure 12. External capacitor CEXT
1. Legend: ESR is the equivalent series resistance and ESL is the equivalent inductance.
10.3.2
Supply current characteristics
The current consumption is measured as described in Figure 9 on page 59 and Figure 10
on page 60.
If not explicitly stated, general conditions of temperature and voltage apply.
Table 23. Operating conditions at power-up/power-down
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tVDD
VDD rise time rate
-
2(1)
1. Guaranteed by design, not tested in production.
-
µs/V
VDD fall time rate
-
2(1)
-
tTEMP
Reset release delay
VDD rising
-
1
1.7
ms
Reset generation delay
VDD falling
-
3
-
µs
VIT+
Power-on reset
threshold(2) (3)
2. If VDD is below 3 V, the code execution is guaranteed above the VIT- and VIT+ thresholds. RAM content is
kept. The EEPROM programming sequence must not be initiated.
3. There is inrush current into VDD present after device power on to charge CEXT capacitor. This inrush
energy depends from CEXT capacitor value. For example, a CEXT of 1 μF requires Q=1 μF x 1.8 V =
1.8 μC.
-
2.65
2.8
2.95
V
VIT-
Brown-out reset
threshold
-
2.58
2.73
2.88
VHYS(BOR)
Brown-out reset
hysteresis
--
70(1)
-mV
MSv36488V1
ESR
RLeak
ESL
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com