Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6366TCX Datasheet(PDF) 84 Page - STMicroelectronics

Part # STM8AF6366TCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6366TCX Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STM8AF6366TCX Datasheet HTML 80Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 81Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 82Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 83Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 84Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 85Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 86Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 87Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 116 page
background image
Electrical characteristics
STM8AF6388
84/116
DocID031156 Rev 1
10.3.10
I2C interface characteristics
Table 40. I2C characteristics
Symbol
Parameter
Standard mode I2CFast mode I2C(1)
Unit
Min(2)
Max(2)
Min(2)
Max(2)
tw(SCLL)
SCL clock low time
4.7
-
1.3
-
µs
tw(SCLH)
SCL clock high time
4.0
-
0.6
-
tsu(SDA)
SDA setup time
250
-
100
-
ns
th(SDA)
SDA data hold time
0(3)
-0(4)
900(3)
tr(SDA)
tr(SCL)
SDA and SCL rise time
(VDD 3 V to 5.5 V)
-
1000
-
300
tf(SDA)
tf(SCL)
SDA and SCL fall time
(VDD 3 V to 5.5 V)
-
300
-
300
th(STA)
START condition hold time
4.0
-
0.6
-
µs
tsu(STA)
Repeated START condition setup time
4.7
-
0.6
-
tsu(STO)
STOP condition setup time
4.0
-
0.6
-
µs
tw(STO:STA)
STOP to START condition time
(bus free)
4.7
-
1.3
-
µs
Cb
Capacitive load for each bus line
-
400
-
400
pF
1. fMASTER, must be at least 8 MHz to achieve max fast I2C speed (400 kHz)
2. Data based on standard I2C protocol requirement, not tested in production
3. The maximum hold time of the start condition has only to be met if the interface does not stretch the low time
4. The device must internally provide a hold time of at least 300 ns for the SDA signal in order to bridge the undefined region
of the falling edge of SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com