Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6366TCX Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM8AF6366TCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6366TCX Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM8AF6366TCX Datasheet HTML 15Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 16Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 17Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 18Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 19Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 20Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 21Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 22Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 116 page
background image
DocID031156 Rev 1
19/116
STM8AF6388
Product overview
114
5.6
Low-power operating modes
For efficient power management, the application can be put in one of four different low-
power modes. Users can configure each mode to obtain the best compromise between
lowest power consumption, fastest start-up time and available wakeup sources.
Wait mode
In this mode, the CPU is stopped but peripherals are kept running. The wakeup is
performed by an internal or external interrupt or reset.
Active-halt mode with regulator on
In this mode, the CPU and peripheral clocks are stopped. An internal wakeup is
generated at programmable intervals by the auto wake up unit (AWU). The main
voltage regulator is kept powered on, so current consumption is higher than in Active-
halt mode with regulator off, but the wakeup time is faster. Wakeup is triggered by the
internal AWU interrupt, external interrupt or reset.
Active-halt mode with regulator off
This mode is the same as Active-halt with regulator on, except that the main voltage
regulator is powered off, so the wake up time is slower.
Halt mode
CPU and peripheral clocks are stopped, the main voltage regulator is powered off.
Wakeup is triggered by external event or reset.
In all modes the CPU and peripherals remain permanently powered on, the system clock is
applied only to selected modules. The RAM content is preserved and the brown-out reset
circuit remains activated.
Table 3. Peripheral clock gating bits (CLK_PCKENR2)
Control bit
Peripheral
PCKEN27
-
PCKEN26
Reserved
PCKEN25
Reserved
PCKEN24
Reserved
PCKEN23
ADC
PCKEN22
AWU
PCKEN21
Reserved
PCKEN20
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com