Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6366UCX Datasheet(PDF) 46 Page - STMicroelectronics

Part # STM8AF6366UCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6366UCX Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STM8AF6366UCX Datasheet HTML 42Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 43Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 44Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 45Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 46Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 47Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 48Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 49Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 116 page
background image
Memory and register map
STM8AF6388
46/116
DocID031156 Rev 1
0x00 5230
USART
UART1_SR
USART status register
0xC0
0x00 5231
UART1_DR
USART data register
0xXX
0x00 5232
UART1_BRR1
USART baud rate register 1
0x00
0x00 5233
UART1_BRR2
USART baud rate register 2
0x00
0x00 5234
UART1_CR1
USART control register 1
0x00
0x00 5235
UART1_CR2
USART control register 2
0x00
0x00 5236
UART1_CR3
USART control register 3
0x00
0x00 5237
UART1_CR4
USART control register 4
0x00
0x00 5238
UART1_CR5
USART control register 5
0x00
0x00 5239
UART1_GTR
USART guard time register
0x00
0x00 523A
UART1_PSCR
USART prescaler register
0x00
0x00 523B to
0x00 523F
Reserved area (5 bytes)
0x00 5240
LINUART
UART3_SR
LINUART status register
0xC0
0x00 5241
UART3_DR
LINUART data register
0xXX
0x00 5242
UART3_BRR1
LINUART baud rate register 1
0x00
0x00 5243
UART3_BRR2
LINUART baud rate register 2
0x00
0x00 5244
UART3_CR1
LINUART control register 1
0x00
0x00 5245
UART3_CR2
LINUART control register 2
0x00
0x00 5246
UART3_CR3
LINUART control register 3
0x00
0x00 5247
UART3_CR4
LINUART control register 4
0x00
0x00 5248
Reserved
0x00 5249
UART3_CR6
LINUART control register 6
0x00
0x00 524A to
0x00 524F
Reserved area (6 bytes)
Table 12. General hardware register map (continued)
Address
Block
Register label
Register name
Reset
status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com