Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6366UCX Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM8AF6366UCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6366UCX Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM8AF6366UCX Datasheet HTML 7Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 8Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 9Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 10Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 11Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 12Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 13Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 14Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 116 page
background image
DocID031156 Rev 1
11/116
STM8AF6388
Product line-up
114
3
Product line-up
Table 1 presents the line-up of related products available upon request;
.
Table 1. STM8AF6369/8x/Ax product line-up without CAN
Order code
Package
High
density
Flash
program
memory
(bytes)
RAM
(bytes)
Data
EEPROM
(bytes)
10-bit
A/D
chan.
Timers
(IC/OC/PWM)
Serial
interfaces
I/0
wakeup
pins
STM8AF/P63AA
LQFP80
(14x14)
128 K
6 K
2 K
16
1x8-bit: TIM4
3x16-bit: TIM1,
TIM2, TIM3
(9/9/9)
LIN(UART),
SPI,
USART, I²C
68/37
STM8AF/P638A
64 K
STM8AF/P63A9
LQFP64
(10x10)
128 K
52/36
STM8AF/P6389
64 K
2 K
STM8AF/P6369
32 K
1 K
STM8AF/P63A8
LQFP48
(7x7)
128 K
2 K
10
38/35
STM8AF/P6388
64 K
STM8AF/P6386
LQFP32
(7x7)
7
1x8-bit: TIM4
3x16-bit: TIM1,
TIM2, TIM3
(8/8/8)
LIN(UART),
SPI, I²C
25/23
STM8AF/P63A6
VFQFPN32
(5x5)
128 K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com