Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6366UCX Datasheet(PDF) 86 Page - STMicroelectronics

Part # STM8AF6366UCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6366UCX Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STM8AF6366UCX Datasheet HTML 82Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 83Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 84Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 85Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 86Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 87Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 88Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 89Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 116 page
background image
Electrical characteristics
STM8AF6388
86/116
DocID031156 Rev 1
Figure 44. ADC accuracy characteristics
1. Example of an actual transfer curve
2. The ideal transfer curve
3. End point correlation line
ET = Total unadjusted error: Maximum deviation between the actual and the ideal transfer curves.
EO = Offset error: Deviation between the first actual transition and the first ideal one.
EG = Gain error: Deviation between the last ideal transition and the last actual one.
ED = Differential linearity error: Maximum deviation between actual steps and the ideal one.
EL = Integral linearity error: Maximum deviation between any actual transition and the end point correlation
line.
Table 42. ADC accuracy for VDDA = 5 V
Symbol
Parameter
Conditions
Typ
Max(1)
1. Guaranteed by characterization results, not tested in production.
Unit
|ET|
Total unadjusted error(2)
2. ADC accuracy vs. injection current: Any positive or negative injection current within the limits specified for
IINJ(PIN) and ΣIINJ(PIN) in Section 10.3.6 does not affect the ADC accuracy.
fADC = 2 MHz
1.4
3(3)
3. TUE 2LSB can be reached on specific sales types on the whole temperature range.
LSB
|EO|
Offset error(2)
0.8
3
|EG|
Gain error(2)
0.1
2
|ED|
Differential linearity error(2)
0.9
1
|EL|
Integral linearity error(2)
0.7
1.5
|ET|
Total unadjusted error(2)
fADC = 4 MHz
1.9(4)
4. Target values.
4(4)
|EO|
Offset error(2)
1.3(4)
4(4)
|EG|
Gain error(2)
0.6(4)
3(4)
|ED|
Differential linearity error(2)
1.5(4)
2(4)
|EL|
Integral linearity error(2)
1.2(4)
1.5(4)
EO
EG
1LSBIDEAL
1LSBIDEAL
VDDA VSSA
–
1024
-----------------------------------------
=
1023
1022
1021
5
4
3
2
1
0
7
6
1
234
567
1021102210231024
(1)
(2)
ET
ED
EL
(3)
VDDA
VSSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com