Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6366UCX Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM8AF6366UCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6366UCX Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM8AF6366UCX Datasheet HTML 11Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 12Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 13Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 14Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 15Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 16Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 17Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 18Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 116 page
background image
DocID031156 Rev 1
15/116
STM8AF6388
Product overview
114
5.2
Single wire interface module (SWIM) and debug module (DM)
5.2.1
SWIM
The single wire interface module, SWIM, together with an integrated debug module, permits
non-intrusive, real-time in-circuit debugging and fast memory programming. The interface
can be activated in all device operation modes and can be connected to a running device
(hot plugging).The maximum data transmission speed is 145 bytes/ms.
5.2.2
Debug module
The non-intrusive debugging module features a performance close to a full-flavored
emulator. Besides memory and peripheral operation, CPU operation can also be monitored
in real-time by means of shadow registers.
•
R/W of RAM and peripheral registers in real-time
•
R/W for all resources when the application is stopped
•
Breakpoints on all program-memory instructions (software breakpoints), except the
interrupt vector table
•
Two advanced breakpoints and 23 predefined breakpoint configurations
5.3
Interrupt controller
•
Nested interrupts with three software priority levels
•
24 interrupt vectors with hardware priority
•
Five vectors for external interrupts (up to 37 depending on the package)
•
Trap and reset interrupts
5.4
Flash program and data EEPROM
•
32 Kbytes to 128 Kbytes of high density single voltage Flash program memory
•
Up to 2 Kbytes true (not emulated) data EEPROM
•
Read while write: writing in the data memory is possible while executing code in the
Flash program memory.
The whole Flash program memory and data EEPROM are factory programmed with 0x00.
5.4.1
Architecture
•
The memory is organized in blocks of 128 bytes each
•
Read granularity: 1 word = 4 bytes
•
Write/erase granularity: 1 word (4 bytes) or 1 block (128 bytes) in parallel
•
Writing, erasing, word and block management is handled automatically by the memory
interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com