Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6366UCX Datasheet(PDF) 65 Page - STMicroelectronics

Part # STM8AF6366UCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6366UCX Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STM8AF6366UCX Datasheet HTML 61Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 62Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 63Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 64Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 65Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 66Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 67Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 68Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 116 page
background image
DocID031156 Rev 1
65/116
STM8AF6388
Electrical characteristics
114
Current consumption for on-chip peripherals
Table 25. Total current consumption in Halt and Active-halt modes. General conditions for VDD
applied. TA = −40 °C to 55 °C unless otherwise stated
Symbol
Parameter
Conditions
Typ
Max
Unit
Main
voltage
regulator
(MVR)(1)
Flash
mode(2)
Clock source and
temperature condition
IDD(H)
Supply current in
Halt mode
Off
Power-
down
Clocks stopped
105
135(3)
µA
Clocks stopped,
TA = 25 °C
105
125
IDD(AH)
Supply current in
Active-halt mode
with regulator on
On
Power-
down
External clock 16 MHz
fMASTER = 125 kHz
870
1000(3)
LSI clock 128 kHz
250
330(3)
Supply current in
Active-halt mode
with regulator off
Off
Power-
down
LSI clock 128 kHz
125
142(3)
LSI clock 128 kHz,
TA = 25 °C
125
130
tWU(AH)
Wakeup time from
Active-halt mode
with regulator on
On
Operating
mode
TA =−40 to 150 °C
10
30(3)
µs
Wakeup time from
Active-halt mode
with regulator off
Off
50
80(3)
1. Configured by the REGAH bit in the CLK_ICKR register.
2. Configured by the AHALT bit in the FLASH_CR1 register.
3. Guaranteed by characterization results, not tested in production.
Table 26. Oscillator current consumption
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
IDD(OSC)
HSE oscillator current
consumption(2)
Quartz or
ceramic
resonator,
CL = 33 pF
VDD = 5 V
fOSC = 24 MHz
1
2.0(3)
mA
fOSC = 16 MHz
0.6
-
fOSC = 8 MHz
0.57
-
IDD(OSC)
HSE oscillator current
consumption(2)
Quartz or
ceramic
resonator,
CL = 33 pF
VDD = 3.3 V
fOSC = 24 MHz
0.5
1.0(3)
fOSC = 16 MHz
0.25
-
fOSC = 8 MHz
0.18
-
1. During startup, the oscillator current consumption may reach 6 mA.
2. The supply current of the oscillator can be further optimized by selecting a high quality resonator with small Rm value. Refer
to crystal manufacturer for more details
3. Informative data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com