Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6366UCX Datasheet(PDF) 35 Page - STMicroelectronics

Part # STM8AF6366UCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6366UCX Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STM8AF6366UCX Datasheet HTML 31Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 32Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 33Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 34Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 35Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 36Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 37Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 38Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 116 page
background image
DocID031156 Rev 1
35/116
STM8AF6388
Pinouts and pin description
114
22 18
-
-
VREF+
S-
-
-
-
-
-
-
ADC positive reference
voltage
-
23 19 13
9
VDDA
S
-
-
-
-
-
-
-
Analog power supply
-
24 20 14
10
VSSA
S
-
-
-
-
-
-
-
Analog ground
-
25 21
-
-
VREF-
S-
-
-
-
-
-
-
ADC negative
reference voltage
-
26 22
-
-
PF0/AIN10
I/O X X-
-
O1
X
X
Port F0
Analog
input 10
-
27 23 15
-
PB7/AIN7
I/O X XX
-
O1
X
X
Port B7
Analog
input 7
-
28 24 16
-
PB6/AIN6
I/O X XX
-
O1
X
X
Port B6
Analog
input 6
-
29 25 17
11
PB5/AIN5
I/O X XX
-
O1
X
X
Port B5
Analog
input 5
I2C_SDA
[AFR6]
30 26 18
12
PB4/AIN4
I/O X XX
-
O1
X
X
Port B4
Analog
input 4
I2C_SCL
[AFR6]
31 27 19
13
PB3/AIN3
I/O X XX
-
O1
X
X
Port B3
Analog
input 3
TIM1_ETR
[AFR5]
32 28 20
14
PB2/AIN2
I/O X XX
-
O1
X
X
Port B2
Analog
input
TIM1_CH3N
[AFR5]
33 29 21
15
PB1/AIN1
I/O X XX
-
O1
X
X
Port B1
Analog
input 1
TIM1_CH2N
[AFR5]
34 30 22
16
PB0/AIN0
I/O X XX
-
O1
X
X
Port B0
Analog
input 0
TIM1_CH1N
[AFR5]
35
-
-
-
PH4/TIM1_ETR
I/O X X-
-
O1
X
X
Port H4
Timer 1 -
trigger
input
-
36
-
-
-
PH5/
TIM1_CH3N
I/O X X-
-
O1
X
X
Port H5
Timer 1 -
inverted
channel 3
-
37
-
-
-
PH6/
TIM1_CH2N
I/O X X-
-
O1
X
X
Port H6
Timer 1 -
inverted
channel 2
-
38
-
-
-
PH7/
TIM1_CH1N
I/O X X-
-
O1
X
X
Port H7
Timer 1 -
inverted
channel 2
-
Table 9. STM8AF6388 pin description (continued)
Pin number
Pin name
Input
Output
Main
function
(after
reset)
Default
alternate
function
Alternate
function
after remap
[option bit]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com