Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6366UCX Datasheet(PDF) 74 Page - STMicroelectronics

Part # STM8AF6366UCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6366UCX Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STM8AF6366UCX Datasheet HTML 70Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 71Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 72Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 73Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 74Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 75Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 76Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 77Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 116 page
background image
Electrical characteristics
STM8AF6388
74/116
DocID031156 Rev 1
10.3.6
I/O port pin characteristics
General characteristics
Subject to general operating conditions for VDD and TA unless otherwise specified. All
unused pins must be kept at a fixed voltage, using the output mode of the I/O for example or
an external pull-up or pull-down resistor.
Table 36. I/O static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Low-level input voltage
-
-0.3 V
0.3 x VDD
V
VIH
High-level input voltage
0.7 x VDD
VDD + 0.3 V
Vhys
Hysteresis(1)
-
0.1 x
VDD
-
VOH
High-level output voltage
Standard I/0, VDD = 5 V,
I = 3 mA
VDD - 0.5 V
-
-
Standard I/0, VDD = 3 V,
I = 1.5 mA
VDD - 0.4 V
-
-
VOL
Low-level output voltage
High sink and true open
drain I/0, VDD = 5 V
I = 8 mA
--
0.5
V
Standard I/0, VDD = 5 V
I = 3 mA
--
0.6
Standard I/0, VDD = 3 V
I = 1.5 mA
--
0.4
Rpu
Pull-up resistor
VDD = 5 V, VIN = VSS
35
50
65
k
Ω
tR, tF
Rise and fall time
(10% - 90%)
Fast I/Os
Load = 50 pF
--
35(2)
ns
Standard and high sink I/Os
Load = 50 pF
--
125(2)
Fast I/Os
Load = 20 pF
--
20(2)
Standard and high sink I/Os
Load = 20 pF
--
50(2)
Ilkg
Digital input pad leakage
current
VSS ≤ VIN ≤ VDD
--
±1
µA
Ilkg ana
Analog input pad leakage
current
VSS ≤ VIN ≤ VDD
-40 °C < TA < 125 °C
-
-
±250
nA
VSS ≤ VIN ≤ VDD
-40 °C < TA < 150 °C
-
-
±500
Ilkg(inj)
Leakage current in
adjacent I/O(3)
Injection current ±4 mA
-
-
±1(3)
µA
IDDIO
Total current on either
VDDIO or VSSIO
Including injection currents
-
-
60
mA
1. Hysteresis voltage between Schmitt trigger switching levels. Guaranteed by characterization results, not tested in
production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com