Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6366UCX Datasheet(PDF) 61 Page - STMicroelectronics

Part # STM8AF6366UCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6366UCX Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM8AF6366UCX Datasheet HTML 57Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 58Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 59Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 60Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 61Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 62Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 63Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 64Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 116 page
background image
DocID031156 Rev 1
61/116
STM8AF6388
Electrical characteristics
114
Table 19. Current characteristics
Symbol
Ratings
Max.
Unit
IVDDIO
Total current into VDDIO power lines (source)(1)(2)(3)
1. All power (VDD, VDDIO, VDDA) and ground (VSS, VSSIO, VSSA) pins must always be connected to the
external supply.
2. The total limit applies to the sum of operation and injected currents.
3. VDDIO includes the sum of the positive injection currents. VSSIO includes the sum of the negative injection
currents.
100
mA
IVSSIO
Total current out of VSS IO ground lines (sink)(1)(2)(3)
100
IIO
Output current sunk by any I/O and control pin
20
Output current source by any I/Os and control pin
-20
IINJ(PIN)(4)
4. This condition is implicitly insured if VIN maximum is respected. If VIN maximum cannot be respected, the
injection current must be limited externally to the IINJ(PIN) value. A positive injection is induced by VIN >
VDD while a negative injection is induced by VIN < VSS. For true open-drain pads, there is no positive
injection current allowed and the corresponding VIN maximum must always be respected.
Injected current on any pin
±10
IINJ(TOT)
Sum of injected currents
50
Table 20. Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
-65 to 150
°C
TJ
Maximum junction temperature
160
Table 21. Operating lifetime(1)
1. For detailed mission profile analysis, please contact the nearest ST Sales Office.
Symbol
Ratings
Value
Unit
OLF
Conforming to AEC-Q100 rev G
−40 to 125 °C
Grade 1
−40 to 150 °C
Grade 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com