Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-332VC Datasheet(PDF) 55 Page - STMicroelectronics

Part # BLUENRG-332VC
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-332VC Datasheet(HTML) 55 Page - STMicroelectronics

Back Button BLUENRG-332VC Datasheet HTML 51Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 52Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 53Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 54Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 55Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 56Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 57Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 58Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 67 page
background image
7.2
WLCSP36 package information (01C1)
This WLCSP is a 36-ball, 2.652 x 2.592 mm, 0.40 mm pitch, wafer level chip scale array package.
Figure 20. WLCSP36 - Outline
C
b
fD
e
E1
fH
fE
e
D1
fG
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
J
K
L
M
A1 ball
(1)
BOTTOM VIEW
A1
A3
A2
A
ccc C
SIDE VIEW
E
TOP VIEW
1.
The terminal A1 on the bumps side is identified by a distinguishing feature (for instance by a circular "clear
area" - typically 0.1 mm diameter) and/or a missing bump.
The terminal A1 on the backside of the product is identified by a distinguishing feature (for instance by a
circular "clear area" - typically 0.5 mm diameter).
2.
Drawing is not to scale.
BlueNRG-LPS
WLCSP36 package information (01C1)
DS13819 - Rev 4
page 55/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com