Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-332VC Datasheet(PDF) 58 Page - STMicroelectronics

Part # BLUENRG-332VC
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-332VC Datasheet(HTML) 58 Page - STMicroelectronics

Back Button BLUENRG-332VC Datasheet HTML 54Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 55Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 56Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 57Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 58Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 59Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 60Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 61Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 67 page
background image
7.3
Thermal characteristics
The maximum chip junction temperature (TJmax.) must never exceed the values in general operating conditions.
The maximum chip-junction temperature, TJ max., in degrees Celsius, can be calculated using the equation:
TJmax.=TAmax.+ PDmax×θJA
(1)
where:
TA max. is the maximum ambient temperature in °C
ΘJA is the package junction-to-ambient thermal resistance, in °C/W
PD max. is the sum of PINT max. and PI/O max. (PD max. = PINT max. + PI/O max.)
PINT max. is the product of IDD and VDD, expressed in Watts. This is the maximum chip internal power
PI/O max represents the maximum power dissipation on output pins:
PI/O max. = Σ (VOL × IOL) + Σ ((VDD – VOH) × IOH)
taking into account the actual VOL / IOL and VOH / IOH of the I/Os at low and high level in the applications.
Note:
When the SMPS is used, a portion of the power consumption is dissipated into the external inductor, therefore
reducing the chip power dissipation. This portion depends mainly on the inductor ESR characteristics.
Note:
As the radiated RF power is quite low (< 4 mW), it is not necessary to remove it from the chip power
consumption.
Note:
RF characteristics (such as: sensitivity, Tx power, consumption) are provided up to 85 °C.
Table 47. Package thermal characteristics
Symbol
Parameter
Value
Unit
ΘJA
Thermal resistance junction-ambient
QFN32 - 5 mm x 5 mm
26.9
ºC/W
Thermal resistance junction-ambient
WLCSP36 - 0.4 mm pitch
-
BlueNRG-LPS
Thermal characteristics
DS13819 - Rev 4
page 58/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com