Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-332VC Datasheet(PDF) 10 Page - STMicroelectronics

Part # BLUENRG-332VC
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-332VC Datasheet(HTML) 10 Page - STMicroelectronics

Back Button BLUENRG-332VC Datasheet HTML 6Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 7Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 8Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 9Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 10Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 11Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 12Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 13Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
2.6
Power supply management
2.6.1
SMPS step-down regulator
The device integrates a step-down converter to improve low power performance when the VDD voltage is high
enough. The SMPS output voltage can be programmed from 1.2 V to 1.90 V. It is internally clocked at 4 MHz or 8
MHz.
The device can be operated without the SMPS by just wiring its output to VDD. This is the case for applications
where the voltage is low, or where the power consumption is not critical.
Except for the configuration SMPS OFF, an L/C BOM must be present on the board and connected to the VFBSD
pad.
Figure 4. Power supply configuration
2.6.2
Power supply schemes
The BlueNRG-LPS embeds three power domains:
•
VDD33 (VDDIO or VDD):
–
the voltage range is between 1.7 V and 3.6 V
–
it supplies a part of the I/O ring, the embedded regulators and the system analog IPs as power
management block and embedded oscillators
•
VDD12o:
–
always-on digital power domain
–
this domain is generally supplied at 1.2 V during active phase of the device
–
this domain is supplied at 1.0 V during low power mode (DEEPSTOP)
•
VDD12i:
–
interruptible digital power domain
–
this domain is generally supplied at 1.2 V during active phase of the device
–
this domain is shut down during low power mode (DEEPSTOP)
BlueNRG-LPS
Power supply management
DS13819 - Rev 4
page 10/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com