Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-332VC Datasheet(PDF) 36 Page - STMicroelectronics

Part # BLUENRG-332VC
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-332VC Datasheet(HTML) 36 Page - STMicroelectronics

Back Button BLUENRG-332VC Datasheet HTML 32Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 33Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 34Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 35Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 36Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 37Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 38Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 39Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 67 page
background image
Table 14. Peripheral current consumption at VDD = 3.3 V, system clock (CLK_SYS), SMPS on
Parameter
Test conditions
Typ.
Unit
ADC
-
39
µA
DMA
-
37
GPIOA
-
2
GPIOB
-
2
I2C1
-
38
IWDG
-
9
LPUART
-
53
PKA
-
25
RNG
-
88
RTC
-
12
SPI3/I2S3
-
46
Systick
-
10
TIM2
-
140
TIM16
-
87
TIM17
-
87
USART
-
79
SYSCFG
-
22
CRC
-
8
6.3.2
General operating conditions
Table 15. General operating conditions
Symbol
Parameter
Conditions
Min.
Max.
Unit
fHCLK
Internal AHB clock frequency
-
1
64
MHz
fPCLK0
Internal APB0 clock
-
1
64
fPCLK1
Internal APB1 clock frequency
-
1(1)
64
fPCLK2
Internal APB2 clock frequency
-
16
32
VDD
Standard operating voltage
-
1.7
3.6
V
VFBSMPS
SMPS feedback voltage
-
1.4
3.6
VDDRF
Minimum RF voltage
-
1.7
3.6
VIN
I/O input voltage
-
-0.3
VDD+0.3
PD
Power dissipation at TA=105 °C(2)
QFN32 package
-
30
mW
TA
Ambient temperature
Maximum power dissipation
-40
105
°C
TJ
Junction temperature range
-
-40
105
1. It could be 0 if all the peripherals are disabled.
2. TA cannot exceed TJ max.
BlueNRG-LPS
Operating conditions
DS13819 - Rev 4
page 36/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com