Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-332VC Datasheet(PDF) 59 Page - STMicroelectronics

Part # BLUENRG-332VC
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-332VC Datasheet(HTML) 59 Page - STMicroelectronics

Back Button BLUENRG-332VC Datasheet HTML 55Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 56Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 57Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 58Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 59Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 60Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 61Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 62Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 67 page
background image
8
Ordering information
Table 48. Ordering information
Order code
Package
Packing
BLUENRG-332xy
QFN32, WLCSP36
Tape and reel
Figure 22. Ordering information
BlueNRG Series
Memory configuration flash/RAM (Kbytes)
Product type
Package type
Temperature range
T -40 to 105°C
C -40 to 85°C
3
3 192/24
2
A - QFN32
V- WLCSP36
Note:
For a list of available options (memory, package, and so on) or for further information on any aspect of this
device, contact your nearest ST sales office.
BlueNRG-LPS
Ordering information
DS13819 - Rev 4
page 59/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com