Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-332VC Datasheet(PDF) 42 Page - STMicroelectronics

Part # BLUENRG-332VC
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-332VC Datasheet(HTML) 42 Page - STMicroelectronics

Back Button BLUENRG-332VC Datasheet HTML 38Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 39Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 40Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 41Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 42Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 43Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 44Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 45Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 67 page
background image
Table 23. Bluetooth Low Energy RF receiver characteristics at 1 Msym/s LE coded (S=8)
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
RXSENS
Sensitivity
PER < 30.8%
-
-104
-
dBm
PSAT
Saturation
PER < 30.8%
8
-
dBm
ZRF1
Optimum RF source
(impedance at RF1 pin)
@ 2440 MHz
40
-
Ω
RF selectivity with BLE equal modulation on interfering signal
C/ICO-channel
Co-channel interference
fRX = finterference
Wanted signal = -79 dBm, PER < 30.8%
-
1
-
dBc
C/I1 MHz
Adjacent interference
finterference = fRX ± 1 MHz
Wanted signal = -79 dBm, PER < 30.8%
-4
-
dBc
C/I2 MHz
Adjacent interference
finterference = fRX ± 2 MHz
Wanted signal = -79 dBm, PER < 30.8%
-39
-
dBc
C/I3 MHz
Adjacent interference
finterference = fRX ± (3+n) MHz
[n = 0,1,2…]
Wanted signal = -79 dBm, PER < 30.8%
-53
-
dBc
C/IImage
Image frequency interference
finterference = fimage
Wanted signal = -79 dBm, PER < 30.8%
-33
-
dBc
C/IImage ± 1 MHz
Adjacent channel-to-image frequency
Wanted signal = -79 dBm, PER < 30.8%
-32
-
dBc
finterference = fimage ± 1 MHz
6.3.6
Embedded reset and power control block characteristics
Table 24. Embedded reset and power control block characteristics
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
TRSTTEMPO
Reset temporization after
PDR is detected
VDD rising
-
-
500
µs
VPDR
Power-down reset threshold
-
-
1.58
-
V
VPVD0
PVD0 threshold
PVD0 threshold at the falling edge of VDDIO
-
2.05
-
VPVD1
PVD1 threshold
PVD1 threshold at the falling edge of VDDIO
-
2.21
-
VPVD2
PVD2 threshold
PVD2 threshold at the falling edge of VDDIO
-
2.36
-
VPVD3
PVD3 threshold
PVD3 threshold at the falling edge of VDDIO
-
2.53
-
VPVD4
PVD4 threshold
PVD4 threshold at the falling edge of VDDIO
-
2.64
-
VPVD5
PVD5 threshold
PVD5 threshold at the falling edge of VDDIO
-
2.82
-
VPVD6
PVD6 threshold
PVD6 threshold at the falling edge of VDDIO
-
2.91
-
VPVD7
PVD threshold for VIN_PVD
PVD7 threshold (VBGP) at the falling edge of
VIN_PVD
-
1
-
BlueNRG-LPS
Operating conditions
DS13819 - Rev 4
page 42/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com