Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-332VC Datasheet(PDF) 14 Page - STMicroelectronics

Part # BLUENRG-332VC
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-332VC Datasheet(HTML) 14 Page - STMicroelectronics

Back Button BLUENRG-332VC Datasheet HTML 10Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 11Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 12Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 13Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 14Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 15Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 16Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 17Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 67 page
background image
2.7.3
SHUTDOWN mode
The SHUTDOWN mode is the least power consuming mode.
The conditions to enter SHUTDOWN mode are the same conditions needed to enter DEEPSTOP mode except
that the LPMS bit of the power controller unit is 1.
In SHUTDOWN mode, the BlueNRG-LPS is in ultra-low power consumption: all voltage regulators, clocks and the
RF interface are not powered. The BlueNRG-LPS can enter shutdown mode by internal software sequence. The
only way to exit shutdown mode is by asserting and deasserting the RSTN pin.
In SHUTDOWN mode:
•
The system is powered down as both the regulators are OFF
•
The VDDIO power domain is ON
•
All the clocks are OFF, LSI and LSE are OFF
•
The I/Os pull-up and pull-down can be controlled during SHUTDOWN mode, depending on the software
configuration
•
The only wake-up source is a low pulse on the RSTN pin
The exit from SHUTDOWN is similar to a POR startup. The PDR feature can be enabled or disabled during
SHUTDOWN.
2.8
Reset management
The BlueNRG-LPS offers two different resets:
•
The PORESETn: this reset is provided by the low power management unit (LPMU) analog block and
corresponds to a POR or PDR root cause. It is linked to power voltage ramp-up or ramp-down. This reset
impacts all resources of the BlueNRG-LPS. The exit from SHUTDOWN mode is equivalent to a POR and
thus generates a PORESETn. The PORESETn signal is active when the power supply of the device is
below a threshold value or when the regulator does not provide the target voltage.
•
The PADRESETn (system reset): this reset is built through several sources:
–
PORESETn
–
Reset due to the watchdog
The BlueNRG-LPS device embeds a watchdog timer, which may be used to recover from software
crashes
–
Reset due to CPU Lockup
The Cortex-M0+ generates a lockup to indicate the core is in the lock-up state resulting from an
unrecoverable exception. The lock-up reset is masked if a debugger is connected to the Cortex-M0+
–
Software system reset
The system reset request is generated by the debug circuitry of the Cortex-M0+. The debugger sets
the SYSRESETREQ bit of the application interrupt and reset control register (AIRCR). This system
reset request through the AIRCR can also be done by the embedded software (into the hardfault
handler for instance)
–
Reset from the RSTN external pin
The RSTN pin toggles to inform that a reset has occurred
This PADRESETn resets all resources of the BlueNRG-LPS, except:
–
Debug features
–
Flash controller key management
–
RTC timer
–
Power controller unit
–
Part of the RCC registers
The pulse generator guarantees a minimum reset pulse duration of 20 μs for each internal reset source. In case
of reset from the RSTN external pad, the reset pulse is generated when the pad is asserted low.
BlueNRG-LPS
Reset management
DS13819 - Rev 4
page 14/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com