Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-332VC Datasheet(PDF) 25 Page - STMicroelectronics

Part # BLUENRG-332VC
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-332VC Datasheet(HTML) 25 Page - STMicroelectronics

Back Button BLUENRG-332VC Datasheet HTML 21Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 22Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 23Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 24Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 25Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 26Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 27Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 28Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 67 page
background image
Table 4. Pin descriptions
Pin number
Pin name
(function
after reset)
Pin type
I/O
structure
Alternate functions
Additional functions
QFN32
WLCSP36
1
C6
PB3
I/O
FT_a
USART_CTS, LPUART_TX,
SPI3_SCK, TIM2_CH4, TIM17_CH1,
ANTENNA_ID[3], I2S3_SCK
ADC_VINP0, wakeup
2
D5
PB2
I/O
FT_a
USART_RTS_DE, TIM2_CH3,
TIM16_BK, ANTENNA_ID[2]
ADC_VINM0, wakeup
3
E6
PB1
I/O
FT_a
USART_CK, TIM2_ETR, TIM16_CH1N,
ANTENNA_ID[1]
ADC_VINP1, wakeup
4
D7
PB0
I/O
FT_a
USART_RX, LPUART_RTS_DE,
TIM16_CH1, ANTENNA_ID[0]
ADC_VINM1, wakeup
5
H5
PA3
I/O
FT_a
SWCLK, USART_RTS_DE, SPI3_SCK,
TIM2_CH2, TIM16_CH1N, I2S3_SCK
ADC_VINP2, wakeup
6
G6
PA2
I/O
FT_a
SWDIO, USART_CK, SPI3_MCK,
TIM2_CH1, TIM16_CH1, I2S3_MCK
ADC_VINM2, wakeup
7
F7
PA1
I/O
FT_f
I2C1_SDA, IR_OUT, USART_TX,
TIM2_CH4
Wakeup
8
H7
PA0
I/O
FT_f
I2C1_SCL, USART_CTS, IR_OUT,
TIM2_CH3
Wakeup
9
M7
PA8
I/O
FT
USART_RX, RX_SEQUENCE,
SPI3_MISO, TIM2_CH3, TIM16BK,
I2S3_MISO
Wakeup, RTC_OUT
10
J6
PA9
I/O
FT
USART_TX, RTC_OUT, SPI3_NSS,
TIM2_CH4, TIM17_CH1, I2S3_WS
Wakeup
11
K5
PA10
I/O
FT
LPUART_CTS, TX_SEQUENCE,
SPI3_MCK, TIM17_CH1N, I2S3_MCK
Wakeup, LCO
12
J4
PA11
I/O
FT
MCO, RX_SEQUENCE, SPI3_MOSI,
TIM17_BK, I2S3_SD
Wakeup
13
A6
VDD2
S
-
-
1.7-3.6 battery voltage
input
14
M5
RF1
I/O
RF
-
RF input/output.
Impedance 50 Ω
15
L2
VDDRF
S
-
-
1.7-3.6 battery voltage
input
16
M1
OSCOUT
I/O
FT_a
-
32 MHz crystal
17
K1
OSCIN
I/O
FT_a
-
32 MHz crystal
18
F3
PB15
I/O
FT_a
USART_RX
Wakeup
19
E2
PB14
I/O
FT_a
TX_SEQUENCE, I2C1_SDA,
TIM2_ETR, MCO, USART_RX
PVD_IN, Wakeup
20
D3
PB13
I/O
FT_a
TIM2_CH4
SXTAL1, Wakeup
21
C2
PB12
I/O
FT_a
LPUART_CTS, LCO, TIM2_CH3
SXTAL0, Wakeup
22
E4
PB7
I/O
FT_f
USART_CTS, I2C1_SDA, LPUART_RX,
TIM2_CH2, RF_ACTIVITY
Wakeup
23
C4
PB6
I/O
FT_f
I2C1_SCL, LPUART_TX, TIM2_CH1,
TIM17_CH1, ANTENNA_ID[6]
Wakeup
24
B1
VDDSD
S
-
-
1.7-3.6 battery voltage
input
25
D1
VLXSD
S
-
-
SMPS input/output
26
A2
VSSSD
S
-
-
SMPS Ground
BlueNRG-LPS
Pinouts and pin description
DS13819 - Rev 4
page 25/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com