Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED101 Datasheet(PDF) 6 Page - STMicroelectronics

Part # HVLED101
Description  Advanced high power factor flyback controller with valley locking and maximum power control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED101 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HVLED101 Datasheet HTML 2Page - STMicroelectronics HVLED101 Datasheet HTML 3Page - STMicroelectronics HVLED101 Datasheet HTML 4Page - STMicroelectronics HVLED101 Datasheet HTML 5Page - STMicroelectronics HVLED101 Datasheet HTML 6Page - STMicroelectronics HVLED101 Datasheet HTML 7Page - STMicroelectronics HVLED101 Datasheet HTML 8Page - STMicroelectronics HVLED101 Datasheet HTML 9Page - STMicroelectronics HVLED101 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
4
Electrical data
4.1
Absolute maximum ratings
Table 2. Absolute maximum ratings
Symbol
Pin
Parameter
Test condition
Value
Unit
VHVSU_MAX HVSU
HVSU maximum voltage
IHVSU < 100 µA,
VCC = 15 V
800
V
VHVSU_neg HVSU
HVSU negative voltage
-0.3
V
VCC_MAX
VCC
IC supply voltage
20
V
VGD
GD
Maximum swing voltage
VCC + 0.3
V
VCS
CS
Current sense applied voltage
7
V
VZCD
ZCD
Max. ZCD voltage
Self-limited
IZCD_sink
ZCD
Max. ZCD pin entering current
1
mA
IZCD_source ZCD
Max. ZCD pin exiting current
6
mA
VNEG
CS, FB, OPTO, FAULT, VL,
DLY/CFG, THD
Maximum negative voltage
-0.3
V
VPOS
FB, OPTO, FAULT, VL,
DLY/CFG, THD
Maximum positive voltage
3.6
V
VGND_D
SGND, PGND
Maximum voltage difference between PGND
and SGND
+/- 0.3
V
Where not otherwise indicated the AMRs are intended applied when VCC > VCCon.
When VCC < VCCon, the minimum between the indicated value and VCC+0.3 V must be considered.
Stressing the device above the rating listed in the above table may cause permanent damage to the device.
Exposure to absolute maximum rated conditions may affect device reliability.
4.2
ESD immunity levels
Table 3. ESD immunity levels
Mode
Pin
Reference Specification
Value
Unit
HBM
All
According to JS001
±1.75
kV
CDM
All
According to JES002
±500
V
4.3
Thermal data
Table 4. Thermal data
Symbol
Parameter
Value
Unit
Rth_JA
Thermal resistance junction to ambient
120
°C/W
TJ
Junction temperature operating range
-40 to 125
°C
Tstg
Storage temperature range
-55 to 150
°C
HVLED101
Electrical data
DS14143 - Rev 2
page 6/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com