Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED101 Datasheet(PDF) 9 Page - STMicroelectronics

Part # HVLED101
Description  Advanced high power factor flyback controller with valley locking and maximum power control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED101 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button HVLED101 Datasheet HTML 5Page - STMicroelectronics HVLED101 Datasheet HTML 6Page - STMicroelectronics HVLED101 Datasheet HTML 7Page - STMicroelectronics HVLED101 Datasheet HTML 8Page - STMicroelectronics HVLED101 Datasheet HTML 9Page - STMicroelectronics HVLED101 Datasheet HTML 10Page - STMicroelectronics HVLED101 Datasheet HTML 11Page - STMicroelectronics HVLED101 Datasheet HTML 12Page - STMicroelectronics HVLED101 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Symbol
Pin/Block
Parameter
Test condition
Min.
Typ.
Max.
Unit
KHV-LV
HVSU
Internal voltage
divider ratio
VHVSU-pk < 480V, CFG1, CFG3 or
CFG5
4.65
mV/V
KHV-HV
HVSU
VHVSU-pk > 150V, CFG2, or CFG4
2.91
mV/V
VDC-DET-L
HVSU
DC voltage
detection level
CFG1, CFG2, CFG4, or CFG5
94
105
116
V
VDC-DET-H
HVSU
CFG3
170
190
210
V
TDC-DET
HVSU
DC voltage
detection time
30
50
70
ms
Feedback input and multiplier
VOS
FB, OPTO
FB or OPTO offset
voltage
Active mode [TrackFB]
0.45
0.5
0.55
V
KM
FB, OPTO
Multiplier gain
Active mode
0.176
V/V
KMPC
FB, OPTO
Scaling factor
for MPC level
calculation
270
V2
VBM
FB, OPTO
Burst-mode
threshold
Active mode, falling [TrackFB]
0.6
V
VBM_HYST
FB, OPTO
Burst-mode
hysteresis
Low consumption, rising
50
mV
TREP
FB
PSR burst-mode
repetition rate
VFB = 0.6 V
0.4
ms
VFB = 0.3 V
2.6
4
5.4
ms
RTHD
THD
THD optimizer
internal resistance
On time running
22
kΩ
PSR OTA
VREF-PSR
FB
PSR loop reference
TAMB = 25 °C
2.55
2.6
2.65
V
Over all temperature range
2.5
2.6
2.7
V
gm
OTA
Transconductance
ΔIFB = ±10 μA, VFB = 1.65 V
1.3
2.3
3.2
mS
GV-dB
OTA
Voltage gain
Open loop
75
dB
GBWP
OTA
Gain-bandwidth
product
360
kHz
IFB-SRC
FB – OTA
FB pin pull-up
current (OTA)
Active mode, VZCD, off = 2.0 V,
VFB = 1.65 V
2
mA
IFB-SNK
FB – OTA
FB pin pull-down
current (OTA)
Active mode, VZCD, off = 3.2 V,
VFB = 1.65 V
2
mA
VUVP
FB
Undervoltage
protection level
[TRACKZCD]
0.35
0.4
0.45
V
TUVP
FB
Maximum
undervoltage
protection time
60
100
140
ms
OPTO input
VOPTO-BIAS
OPTO
OPTO biasing
voltage
Whole temperature range
2.8
V
IOPTO-BIAS
OPTO
OPTO biasing
current
VOPTO = 0 V
120
150
180
µA
ROPTO
OPTO
Internal parallel
resistor
40
52
65
kΩ
HVLED101
Electrical characteristics
DS14143 - Rev 2
page 9/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com