Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED101 Datasheet(PDF) 7 Page - STMicroelectronics

Part # HVLED101
Description  Advanced high power factor flyback controller with valley locking and maximum power control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED101 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button HVLED101 Datasheet HTML 3Page - STMicroelectronics HVLED101 Datasheet HTML 4Page - STMicroelectronics HVLED101 Datasheet HTML 5Page - STMicroelectronics HVLED101 Datasheet HTML 6Page - STMicroelectronics HVLED101 Datasheet HTML 7Page - STMicroelectronics HVLED101 Datasheet HTML 8Page - STMicroelectronics HVLED101 Datasheet HTML 9Page - STMicroelectronics HVLED101 Datasheet HTML 10Page - STMicroelectronics HVLED101 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
4.4
Recommended operating conditions
Table 5. Recommended operating conditions
Symbol
Parameter
Min.
Max. Unit
Remarks
VCC
VCC supply voltage
VCC-OFF
19
V
After device turn-on
VHV_op_1 HVSU voltage range CFG1, CFG3, CFG5 0
480
V
Linearity not guaranteed above 480 V
VHV_op_2 HVSU voltage range CFG2, CFG4
0
760
V
Linearity not guaranteed if VPK is lower than
200 V
VFB
FB pin regulation voltage range
0.3
2.8
V
VOPTO
OPTO pin regulation voltage range
VBM
2.8
V
VCS_op
CS pin operative condition
0
1.2
V
VZCD
ZCD pin operative voltage
Self-limited 3.3
V
DC condition, Isource < 1 mA RZCD = 22 kΩ to
47 kΩ
IZCD_src
ZCD pin operative source current
0
3
mA
During on-time
IZCD_snk
ZCD pin operative sink current
0
1
mA
During off-time
VVL
VL pin operative voltage
0
3.0
V
VFAULT
FAULT pin operating range
0
3.3
V
HVLED101
Recommended operating conditions
DS14143 - Rev 2
page 7/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com