Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED101 Datasheet(PDF) 8 Page - STMicroelectronics

Part # HVLED101
Description  Advanced high power factor flyback controller with valley locking and maximum power control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED101 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button HVLED101 Datasheet HTML 4Page - STMicroelectronics HVLED101 Datasheet HTML 5Page - STMicroelectronics HVLED101 Datasheet HTML 6Page - STMicroelectronics HVLED101 Datasheet HTML 7Page - STMicroelectronics HVLED101 Datasheet HTML 8Page - STMicroelectronics HVLED101 Datasheet HTML 9Page - STMicroelectronics HVLED101 Datasheet HTML 10Page - STMicroelectronics HVLED101 Datasheet HTML 11Page - STMicroelectronics HVLED101 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
5
Electrical characteristics
(TJ = -40 °C to 125 °C, 25 °C production tested, VCC = 16 V, SGND = PGND = 0 V, unless otherwise specified.)
Table 6. Electrical characteristics
Symbol
Pin/Block
Parameter
Test condition
Min.
Typ.
Max.
Unit
Supply voltage
VCC-ON
VCC
Turn-on threshold
VHVSU > VHV-START [TrackVCC]
13
14
15
V
VCC-OFF
VCC
Low consumption
mode activation
Active mode [TrackVCC]
7.4
7.8
8.2
V
VCC-LOW
VCC
VCC for HVSU high
current activation
1.5
V
VCC-SHD
VCC
VCC for IC reset
Low consumption
6.5
7.4
V
Supply current
ICC-START-UP VCC
Startup current
Startup, VCC = 12 V
270
μA
ICC
VCC
Operating supply
current
fSW = 25 kHz, CGD = 1 nF
5.4
6
mA
ICC-LC
VCC
Protection VCC
supply current
OCP, brownout, or iOVP
510
μA
ICC-OPTO-BM VCC
OPTO burst-mode
VCC current
OPTO = 0 V, FAULT active, DLY/CFG
active RDLY = 120 kΩ
610
μA
ICC-PSR-BM
VCC
PSR burst-mode
VCC current
FB = 0 V, OPTO unbiased, FAULT
active, DLY/CFG active RDLY = 120
kΩ
500
μA
High-voltage startup generator
VHV-START
HVSU
Start voltage
IVcc < 100 μA
20
V
ICHG-H
VCC
VCC charging
current
VHVSU > VHV-START, startup, VCC = 13
V
5
mA
ICHG-L
VCC
VCC charging
current during iOVP
or at low VCC
VHVSU > VHV-START, iOVP on
OR VCC < VCC-LOW
1.2
mA
IHV-ON
HVSU
HVSU on-state
current
VHVSU > VHV-START, startup, VCC = 13
V
5
mA
IBLEED
HVSU
HVSU discharging
current during iOVP
VHVSU > VHV-START, iOVP on, CFG1,
CFG3, VCC < 18 V
1.55
IHV-LKG
HVSU
HVSU off-state
leakage current
VHVSU = 400 V, active mode
17
25
μA
Input voltage sensing
ViOVP
HVSU
Input overvoltage
protection threshold
CFG1, CFG3, or CFG5
530
555
580
V
VBO-L
HVSU
Brownout threshold
(instantaneous
voltage)
CFG1, CFG4, or CFG5
94
105
116
V
VBO-H
HVSU
CFG3
170
190
210
V
TBO
HVSU
Brownout activation
time
CFG1, CFG3, CFG4, or CFG5
500
835
1180
ms
TBO-LEB
HVSU
Blanking time after
brownout activation
CFG1, CFG3, CFG4, or CFG5
150
250
350
ms
TDBNC
HVSU
Brownout
debounce time
CFG1, CFG3, CFG4, or CFG5
0.78
1.25
1.72
ms
HVLED101
Electrical characteristics
DS14143 - Rev 2
page 8/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com