Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED101 Datasheet(PDF) 24 Page - STMicroelectronics

Part # HVLED101
Description  Advanced high power factor flyback controller with valley locking and maximum power control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED101 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button HVLED101 Datasheet HTML 20Page - STMicroelectronics HVLED101 Datasheet HTML 21Page - STMicroelectronics HVLED101 Datasheet HTML 22Page - STMicroelectronics HVLED101 Datasheet HTML 23Page - STMicroelectronics HVLED101 Datasheet HTML 24Page - STMicroelectronics HVLED101 Datasheet HTML 25Page - STMicroelectronics HVLED101 Datasheet HTML 26Page - STMicroelectronics HVLED101 Datasheet HTML 27Page - STMicroelectronics HVLED101 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
Please note that CFG2 has the brownout detection disabled. This is intended to be used mainly for debug
purposes because an input voltage lower than 80 V could lead to unpredictable Vout behavior (see PSR operation
section).
Table 10. Suggested RDLY-CCFG programming values
TDLY (ns)
RDLY (kΩ) (1%)
CDLY (nF) (5% - >6.3V rated)
CFG1
CFG2
CFG3
CFG4
CFG5
163.9
30
1.2n
3.9n
12n
33n
82n
183.1
39
1n
2.7n
8.2n
27n
56n
219.3
56
680p
2.2n
6.2n
18n
39n
259.8
75
470p
1.5n
4.7n
12n
33n
355.6
120
270p
1n
2.7n
8.2n
18n
419.5
150
220p
680p
2.2n
6.8n
15n
483.4
180
180p
560p
1.8n
5.6n
12n
568.6
220
150p
470p
1.5n
4.7n
10n
675.1
270
120p
390p
1.2n
3.3n
8.2n
802.9
330
100p
330p
1n
2.7n
6.8n
1101.1
470
82p
220p
680p
2.2n
4.7n
1292.8
560
68p
180p
560p
1.8n
3.9n
The above configurations are intended to be selected in order to fit different application requirements in terms of
input voltage. The typical use of the different configurations is shown in the next table.
Table 11. Suggested configuration vs. application input voltage requirements
CFG
Mains voltage range
Typ. Vin range
Note
CFG1
Universal
90 Vac ÷ 305 Vac
CFG2
Extended
> 80 V ÷ 400 Vac
Only for debug purpose
CFG3
European
180 Vac ÷ 305 Vac
CFG4
Extended
90 Vac ÷ 400 Vac
CFG5
Universal
90 Vac ÷ 305 Vac
6.8
Protections
A comprehensive set of protections is embedded in the HVLED101 in order to facilitate the design of an
application with a very high grade of robustness.
6.8.1
Overcurrent protection (2nd OCP)
In case of transformer saturation or secondary side rectifier short-circuit, the primary side current rises quickly to a
very high value.
To avoid this current becoming dangerous, a second level OCP protection threshold is provided. It stops the
switching activity for a longer duration (TOCP) before recovering the switching activity.
During TOCP, the THD optimizer drives the internal switched resistor always ON (setting δc = 1 in Section 6.3.1 ).
6.8.2
Input overvoltage protection (iOVP)
The level of this protection is programmed selecting the value of the time constant of the RC network placed
between the DLY/CFG pin and GND according to Table 9.
HVLED101
Protections
DS14143 - Rev 2
page 24/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com