Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED101 Datasheet(PDF) 14 Page - STMicroelectronics

Part # HVLED101
Description  Advanced high power factor flyback controller with valley locking and maximum power control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED101 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button HVLED101 Datasheet HTML 10Page - STMicroelectronics HVLED101 Datasheet HTML 11Page - STMicroelectronics HVLED101 Datasheet HTML 12Page - STMicroelectronics HVLED101 Datasheet HTML 13Page - STMicroelectronics HVLED101 Datasheet HTML 14Page - STMicroelectronics HVLED101 Datasheet HTML 15Page - STMicroelectronics HVLED101 Datasheet HTML 16Page - STMicroelectronics HVLED101 Datasheet HTML 17Page - STMicroelectronics HVLED101 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
Once the protection set-up is fetched, the following pins are pulled up: FB, VL, FAULT and OPTO.
When the voltage on the FAULT pin is higher than VFLT-ON threshold, the HVSU recharges the VCC capacitor and
the switching activity starts. The first switching cycles activate the next operating phase: the ramp-up phase.
6.2.2
Ramp-up phase
This operating mode is intended to ensure a safe increase of the output voltage. This goal is achieved transferring
an almost constant power to the output by fixing the minimum current sense threshold at VCS-RU and driving the
external power MOSFET at constant operating frequency FSW-RU, with the maximum duty cycle fixed at 50%.
The THD optimizer unit is forced to operate with a duty cycle equal to 1 (see relevant section for further details).
Figure 6. Ramp-up waveforms
Max duty fixed by
CK falling edge
VGD
VCS-RU
VCS
FSW-RU
When both output voltages (read by ZCD sample and hold block) are higher than VUVP threshold and OPTO pin is
pulled up for at least TOPTO-TRIG, the IC enters active mode.
If the ramp-up exit condition is not satisfied within TCF, the IC shuts down, and automatic restart is attempted after
TART.
During this phase the internal PSR error amplifier is always on as well as the FAULT pin pull-up current.
6.2.3
Active mode
During active mode, the IC provides the GD signal to drive the external power switch according to application
signals.
All the parameters are set at their operating range performance and protections are ready to manage undesired
events.
The power consumption of the IC in this phase depends on the switching frequency and the characteristics of the
adopted switch.
The OPTO disable feature activates a deep low consumption mode, while the FAULT disable mean activates a
standard low consumption mode.
The input OVP is active (in CFG 1, 3 and 5) as well as the brownout and output undervoltage protections.
6.2.4
Low consumption mode
In this state, the IC stops switching activity and turns off the major part of internal structures in order to reduce
VCC consumption down to ICC-LC.
In this operating mode, the high-voltage startup logic is active to maintain the VCC pin above VCC-OFF (low level)
if necessary.
This state is invoked when the following conditions are met:
•
overcurrent protection.
•
FAULT pin protection.
•
the inactive phase of brownout level protection is running.
•
input overvoltage protection senses an excessive input voltage at pin HVSU.
HVLED101
Operating modes
DS14143 - Rev 2
page 14/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com