Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED101 Datasheet(PDF) 20 Page - STMicroelectronics

Part # HVLED101
Description  Advanced high power factor flyback controller with valley locking and maximum power control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED101 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button HVLED101 Datasheet HTML 16Page - STMicroelectronics HVLED101 Datasheet HTML 17Page - STMicroelectronics HVLED101 Datasheet HTML 18Page - STMicroelectronics HVLED101 Datasheet HTML 19Page - STMicroelectronics HVLED101 Datasheet HTML 20Page - STMicroelectronics HVLED101 Datasheet HTML 21Page - STMicroelectronics HVLED101 Datasheet HTML 22Page - STMicroelectronics HVLED101 Datasheet HTML 23Page - STMicroelectronics HVLED101 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
Figure 11. Valley skipping algorithm
Valley Locking Mode
VL2H
VL1H
0 us
TDCM
TDCM-max
VVL=0.3V
N=2
N=3
N=4
N=5
N=0 (QR)
DCM Mode
N=1
VL5
VL4
VL3
VL2
VL1
VDCM
VL
6.4
Primary side regulation feature
The HVLED101 can regulate the output voltage of a high power factor flyback stage without the need of an error
amplifier and relevant optocoupler.
6.4.1
PSR operation
An ST proprietary structure is able to measure the output voltage reading the signal present at the ZCD pin during
demagnetization time.
The output voltage measurement is performed in correspondence with the transformer demagnetization instant.
Figure 12. PSR related signal
V drain
VZCD-ARM
VGD
VIN + VR
- VR
TBLANK
DEMAG
TDLY
VZCD-TRiG
VZCD
VIN
VIN
The internal measurement peripheral is active when the switching activity is running and is not frozen by minimum
blanking time or frequency fold-back.
HVLED101
Primary side regulation feature
DS14143 - Rev 2
page 20/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com