Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED101 Datasheet(PDF) 25 Page - STMicroelectronics

Part # HVLED101
Description  Advanced high power factor flyback controller with valley locking and maximum power control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED101 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button HVLED101 Datasheet HTML 21Page - STMicroelectronics HVLED101 Datasheet HTML 22Page - STMicroelectronics HVLED101 Datasheet HTML 23Page - STMicroelectronics HVLED101 Datasheet HTML 24Page - STMicroelectronics HVLED101 Datasheet HTML 25Page - STMicroelectronics HVLED101 Datasheet HTML 26Page - STMicroelectronics HVLED101 Datasheet HTML 27Page - STMicroelectronics HVLED101 Datasheet HTML 28Page - STMicroelectronics HVLED101 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
When input voltage surpasses the programmed value, the input overvoltage protection stops the switching activity
and activates the discharge current IBLEED (where required).
During iOVP, the internal THD optimizer drives the internal switched resistor always OFF (setting δc = 0 in
Section 6.3.1 ) and the THD pin is set in high impedance.
IBLEED current discharges the input capacitor to speed up the recover from surge occurrence.
In case of steady input overvoltage, the VCC pin rises until the IBLEED generator automatically reduces the
absorbed current. At this occurrence, the HVSU unit provides the whole current for HVLED101 and the input
capacitor is discharged by a current that is almost equal to ICC plus the internal consumption of the HVSU unit.
When HVSU voltage is lower than protection level, the HVSU charges VCC to reach VCC-ON (if required) and
active mode is entered.
Figure 16. iOVP waveforms
VCC
ViOVP
VHVSU
Low consumption
(fault)
Active Mode
Temporary Overvoltage
(e.g. surge)
Active Mode
VCC-ON
IHVSU
IVcc
IBLEED
IHV-ON
ICC-L - ICHG-L
ICC
~19V
~ ICC
VCC-OFF
6.8.3
Brownout protection (BO)
In order to avoid operation at insufficient input voltage, the IC moves to low consumption mode if the input voltage
is lower than the programmed threshold (Table 9) for at least TBO (500 ms min.). During masking time (TBO-LEB),
activated after brownout triggering time, the HVSU comparator is ignored to prevent false restart due to EMI filter
resonance oscillations, while IBLEED is turned on to discharge any residual oscillation due to EMI filter operating
condition at turn-off instant.
After the end of TBO_LEB, the input voltage is checked to be higher than the threshold only during the charging
period of VCC: a small time (TDBNC) is applied after HVSU activation to prevent false reading. To be noted that the
value of the resistance that is in series with the HVSU pin, multiplied by ICHG-H, sets the hysteresis for brownout
threshold voltage.
HVLED101
Protections
DS14143 - Rev 2
page 25/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com