Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88871AP Datasheet(PDF) 13 Page - ASIX Electronics Corporation

Part # AX88871AP
Description  10/100BASE Dual Speed Bripeater Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88871AP Datasheet(HTML) 13 Page - ASIX Electronics Corporation

Back Button AX88871AP Datasheet HTML 9Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 10Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 11Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 12Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 13Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 14Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 15Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 16Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 17Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
AX88871AP Bripeater
ASIX ELECTRONICS CORPORATION
13
2.5 Miscellaneous
Signal Name
Type Pin No.
Description
LCLK
I
169
Local Clock : Must be run at 25Mhz . Used for transmit data to PHY devices,
/RST
I
167
Reset : The chip is reset when this signal is asserted Low.
DAISY_IN
or
/LSEL10
I/PU
135
Repeater Identification Number Daisy-Chain In : When MODE=” 1” , This
pin is a daisy chain serial input for Repeater ID. A state machine always
monitor the input if a correct data (RID) present at the pin, the (RID+1) will
be written to RID register and override the power on setup RID for the chip.
/LSEL10 : When MODE=” 0” , This pin select 10Mbps global LED status
(
utilization (%) and collision (%) ) when ‘ low’ ; Otherwise , 100Mbps
LED status is selected.
DAISY_OUT
or
/LCOL10
O/ML
136
Repeater Identification Number Daisy-Chain Out : When MODE=” 1” , This
pin is periodically shift out the RID of itself to the next chained chip to
inform that this ID has already been occupied. The RID is shift out
periodically every about 200us.
/LCOL : When MODE=” 0” , This pin drives 10Mbps collision LED directly.
MCLK
O
96
MII Clock Out : 2.5MHz 10Mbps MII reference clock
MDO
O
95
Station Management Data Out : For setup PHY auto-negotiation registers.
A burst write commands are issue to setup PHY register after reset. The PHY
address 4h, 5h, 6h, 7h, 8h, 9h,Ah and Bh will be written as register 4h to
value 00A1h ( Advertise register set to 10/100 half-duplex mode)and register
0h to value 1000h(Enable auto-negotiation).
MDC
O
94
Station Management Data Clock Out : For MDO reference clock.
TEST
I/PD
166
Test Pin : The pin is just for test mode setting purpose only. Must be pull low
when normal operation.
/HALF10
I/PU
170
Half-duplex mode in 10Mbps : Pull low with 10K ohm resister for 10Mbps
PHY in half-duplex mode.
VDD
I
1, 25, 50,
71, 78, 92
105, 128,
134, 161,
171, 183
POWER : +5V +/-5%
VSS
I
10, 26, 41
60, 77,
91, 114,
123, 133,
147, 156,
168, 184,
196
POWER: 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com