Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88871AP Datasheet(PDF) 20 Page - ASIX Electronics Corporation

Part # AX88871AP
Description  10/100BASE Dual Speed Bripeater Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88871AP Datasheet(HTML) 20 Page - ASIX Electronics Corporation

Back Button AX88871AP Datasheet HTML 16Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 17Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 18Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 19Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 20Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 21Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 22Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 23Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 24Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
AX88871AP Bripeater
ASIX ELECTRONICS CORPORATION
20
4.0 INTERNAL REGISTERS
4.1 Configuration Register (CONFIG)
Bit
Bit Name
Access
Bit Description
D14
/HALF10
R/W
Half-duplex mode in 10Mbps : “low” resister to 10Mbps PHY in half-
duplex mode. “high” resister to 10Mbps PHY in full-duplex mode.
D13
OPT[0]
R/W
OPT[0] : Option for LED display. Default ‘high’ for normal operation.
User may pull the pin ‘low’ with 10K ohm resister to force 10M or 100M
LED disable when all the ports are the same speed condition.
D12
OPT[1]
R/W
OPT[1] : Option for partition schime. Default ‘high’ for normal
operation. User may pull the pin ‘low’ with 10K ohm resister to force
hardly enter partition state.
D11
TXM_MODE
R/W
TXM_MODE : Option for internal used. Default ‘high’ user may pull the
pin ‘low’ with 10K ohm resister for reserve transmition mode alternaty.
D10
OPT[3]
R/W
OPT[3] : Option for internal used. Please keep the pin with default value.
D9
OPT[4]
R/W
OPT[4] : No Used.
D8
OPT[6]
R/W
OPT[6] : Option for external device type to connect to port 6. Default
‘high’ is for PHY type device. Otherwise, ‘low’ for bridge, switch or
MAC type device.
D7
OPT[7]
R/W
OPT[7] : Option for external device type to connect to port 7. Default
‘high’ is for PHY type device. Otherwise, ‘low’ for bridge, switch or
MAC type device.
D6
MODE
R/W
MODE
= 0 : Single chip repeater application.
MODE
= 1 : Multiple chips cascaded repeater application.
D5
ST_FW
R/W
ST_FW
= 0 : fragment-free mode
ST_FW
=1 : Store-n-Forward mode
D4
ENTRIES
R/W
ENTRIES
= 0 : 1024 entries supported
ENTRIES
= 1 : 256 entries supported
D3-2
MEM_SIZE[1]
MEM_SIZE[0]
R/W
MEM_SIZE[1] MEM_SIZE[1]
SIZE (K)
1
1
32K
1
0
64K
0
1
128K
0
0
256K
D1
/IR_ACT_EN
R/W
Inter Repeater Active Input Pin Enable : This input active low to enable
/HIR_ACTI[7:0] pins as inter-repeater carrier sense detection input.
Otherwise, /HIR_ACTI[7:0] pins are disabled.
D0
/DIS_DAISY
R/W
/DIS_DAISY : Default pull-up to enable daisy chain function. To disable
daisy chain function pull the pin down external.
4.2 Repeater ID Register
Bit
Bit Name
Access
Bit Description
D2-D0
RID[2:0]
R/W
Repeater ID : At the rising edge of /RST , the value of RID[2:0] are
latched in this register as D[2:0]. The setting of RID[2:0]can be override
according to the data from serial daisy-chain DAISY_IN pin input .
Note that in system application, the maximum of 8 devices can be
cascade.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com