Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88871AP Datasheet(PDF) 6 Page - ASIX Electronics Corporation

Part # AX88871AP
Description  10/100BASE Dual Speed Bripeater Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88871AP Datasheet(HTML) 6 Page - ASIX Electronics Corporation

Back Button AX88871AP Datasheet HTML 2Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 3Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 4Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 5Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 6Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 7Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 8Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 9Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 10Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
AX88871AP Bripeater
ASIX ELECTRONICS CORPORATION
6
1.3 Block Diagram
10/100
Q-PHY
10/100
Q-PHY
MII
I/F
MII
interface
Re-concilia-
tion
Sub-layer
(Port 1 -
Port 7 )
Speed
Detection
circuit
Elasticity Buffer
for 100Mbps
and 10Mbps
MUX
Repeater State
Machine of 100Mbps
Collision
Handling Logic
for 100Mbps
and10Mbps
Per port Jabber ctl,
auto-partition SM &
Per port Collision ,
Partition counters.
Registers
MIB I/F
(Reserved)
Cascade
Arbitration Logic
of 100Mbps
MII
I/F
Repeater State
Machine of 10Mbps
100Mbps
to
10Mbps
Bridge
(Reserved)
Fig - 1
Chip Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com