Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88871AP Datasheet(PDF) 28 Page - ASIX Electronics Corporation

Part # AX88871AP
Description  10/100BASE Dual Speed Bripeater Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88871AP Datasheet(HTML) 28 Page - ASIX Electronics Corporation

Back Button AX88871AP Datasheet HTML 22Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 23Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 24Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 25Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 26Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 27Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 28Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 29Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 30Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
AX88871AP Bripeater
ASIX ELECTRONICS CORPORATION
28
Appendix A: Applications
Two type of applications for AX88871A are illustrated bellow.
A.1 Stand-along 8-ports 10/100Mbps HUB Application
Fig - 6 Stand-along 8-ports 10/100Mbps HUB Application
A.2 Multiple Stand-along HUB Cascade Application (old stack scheme)
…
…
…
…
…
…
…
…
…
…
…
..
Fig - 7 Multiple Stand-along HUB Cascade Application with old cascade method
AX88871A
Bripeater Controller
MII interface
MII interface
Quad
MII
Transceiver
8 bits
SRAM
100Mbps cascade interface
Quad
MII
Transceiver
LED Array
AX88871A #0
Bripeater Controller
AX88871A #7
Bripeater Controller
8 bits
SRAM
8 bits
SRAM
Quad
MII
Transceiver
Quad
MII
Transceiver
Quad
MII
Transceiver
Quad
MII
Transceiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com