Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88871AP Datasheet(PDF) 23 Page - ASIX Electronics Corporation

Part # AX88871AP
Description  10/100BASE Dual Speed Bripeater Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88871AP Datasheet(HTML) 23 Page - ASIX Electronics Corporation

Back Button AX88871AP Datasheet HTML 19Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 20Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 21Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 22Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 23Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 24Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 25Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 26Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 27Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
AX88871AP Bripeater
ASIX ELECTRONICS CORPORATION
23
Symbol
Description
Min
Typ.
Max
Units
T4
RX_CLK Clock Cycle Time
39.996
40
40.004
ns
T5
RX_CLK Clock High Time
14
20
26
ns
T6
CRS to RXE Assertion Delay
20
ns
T7
CRS to RXE De-assertion Delay
160
200
ns
T8
CRS to RXDV Delay Requirement
40
160
ns
T9
RXD or RXDV or RX_ER setup to RX_CLK rise
time
10
-
ns
5.4.2 Expansion Bus
CRS
T1
T2
HIRD-ODIR
HIRD_CK
T3
HIRD[3:0]
T4
/HIRD_ER
T5
T6
/HIRD_V
Symbol
Description
Min
Max
Units
T1
CRS Assertion to HIRD-ODIR Assertion
-
20
ns
T2
CRS De-Assertion to HIRD-ODIR De-Assertion
160
200
ns
T3
HIRD[3:0] Setup Time to HIRD-CK High
10
-
ns
T4
/HIRD_ER Setup Time to HIRD-CK High
10
-
ns
T5
/HIRD_V Setup Time to HIRD-CK High
5
-
ns
T6
/HIRD_V Hold Time from HIRD-CK High
5
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com