Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88871AP Datasheet(PDF) 4 Page - ASIX Electronics Corporation

Part # AX88871AP
Description  10/100BASE Dual Speed Bripeater Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88871AP Datasheet(HTML) 4 Page - ASIX Electronics Corporation

  AX88871AP Datasheet HTML 1Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 2Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 3Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 4Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 5Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 6Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 7Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 8Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
AX88871AP Bripeater
ASIX ELECTRONICS CORPORATION
4
1.0 AX88871A Overview
The AX88871A 10/100Mbps Dual Speed “Bripeater” Controller is “a dual speed
repeater with build in bridge function” It is design for low cost dumb HUB application. The
AX88871A directly supports up-to eight 10/100Mbps automatic links MII interfaces. Maximum
up-to 192 ports can be constructed when using inter-repeater bus horizontally cascades 4
AX88871A and vertically cascades 6 repeaters. When using the legacy method, maximum up-to
64 ports can be constructed when using expansion bus cascades 8 AX88871As. The AX88871A
is designed base on IEEE 802.3u clause 27 “ Repeater for 100Mb/s base-band networks” It is
fully compatible with IEEE 802.3u standard.
All of the ASIX repeater products with the same speeds has the same cascade
methodology. So the AX88871A can cascade with AX88850, AX88860 and AX88870 series
chips. That is ASIX maintain the consistency of the cascade method for all the repeater product
line.
1.1 General Description
The AX88871A Repeater Controller is a subset of a repeater set containing all the
repeater-specific components and functions, exclusive of PHY components and functions. The
AX88871A has only Media Independent Interface (MII) to connect to PHY devices. Other then
AX88850 series chips that has 2 kinds of interfaces. There are Physical coding sub-layer (PCS)
interface and Media Independent Interface (MII).
The AX88871A supports 8 MII interfaces ports, a bridge packet buffer SRAM interface, a
100Mbps port expansion interface and LED display interface.
The AX88871A supports stand along 10/100Mbps dual speed repeater applications. Also
it can expand the ports count via cascade to other AX88850 and AX88860 pure 100Mbps
repeater chips..
The AX88871A has two application mode.
Mode 0
Single chip repeater application.
Mode 1
Multiple chips cascaded repeater application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com