Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88871AP Datasheet(PDF) 30 Page - ASIX Electronics Corporation

Part # AX88871AP
Description  10/100BASE Dual Speed Bripeater Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88871AP Datasheet(HTML) 30 Page - ASIX Electronics Corporation

Back Button AX88871AP Datasheet HTML 22Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 23Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 24Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 25Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 26Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 27Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 28Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 29Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 30Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
AX88871AP Bripeater
ASIX ELECTRONICS CORPORATION
30
Appendix B: Using MII I/F connects to MAC
There are two ports of AX88871A can connect to MAC type MII interface. For example, Port 7 is
illustrated bellow.
10K
Gnd
AX88871 / Repeater
AX88195 / MAC
Note : 1. The MAC needs to run at halfduplex mode.
2. Care must be taken that the receive side has enough setup and/or hold time
3. Some kind of CPU with embbeded MAC can also refer to this example
Using MII interface to connect to 10Mbps MAC device application for AX88871A is illustrated bellow.
10K
Gnd
AX88871 / Repeater
10Mbps MAC
COL_O7
TXEN7
(LCLK)
TXD7[3:0]
TXER7
CRS7
RXDV7
RXCLK7
RXD7[3:0]
RXER7
COL
CRS
RX_DV
RX_CLK
RXD[3:0]
RX_ER
TX_EN
TX_CLK
TXD[3:0]
TX_ER
25MHz
Clock
COL_O7
TXEN7
MCLK
TXD7[3:0]
TXER7
CRS7
RXDV7
RXCLK7
RXD7[3:0]
RXER7
COL
CRS
RX_DV
RX_CLK
RXD[3:0]
RX_ER
TX_EN
TX_CLK
TXD[3:0]
TX_ER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com