Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88871AP Datasheet(PDF) 8 Page - ASIX Electronics Corporation

Part # AX88871AP
Description  10/100BASE Dual Speed Bripeater Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88871AP Datasheet(HTML) 8 Page - ASIX Electronics Corporation

Back Button AX88871AP Datasheet HTML 4Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 5Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 6Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 7Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 8Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 9Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 10Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 11Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 12Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
AX88871AP Bripeater
ASIX ELECTRONICS CORPORATION
8
1.5 Pin Connection Diagram (mode 1)
Fig - 3 Pin Connection Diagram for mode 1
Note : Power on configuration setup signals refer section 2.6 cross referance table
TXEN[6]
TXER[5]
RXDV[2]
LCLK
166
186
190
200
78
70
64
54
BMA[9]
TXD[7][1]
RXD[6][1]
TXER[0]
HIRD_ODIR
VSS1
171
174
192
203
206
75
57
MDC
RXCLK[7]
CRS[2]
RXD[1][1]
RXD[1][0]
TXD[1][0]
LED<1>
165
207
83
66
65
63
60
RXD[6][2]
RXD[2][0]
RXD[1][3]
CRS[1]
RXD[0][0]
VDD
HIRD[0]
/HIRD_V
VSS
VDD1
159
187
195
196
197
61
TXD[7][2]
RXD[7][0]
RXD[6][0]
TXD[0][0]
170
198
99
91
/HALF10
RXD[7][2]
CRS[7]
RXCLK[6]
TXD[5][3]
RXD[0][3]
VSS
157
162
178
204
104
101
82
81
77
62
BMA[8]
RXD[7][3]
TXD[6][3]
TXD[5][1]
RXD[0][2]
TEST
VSS
208
94
89
71
TXER[7]
TXER[6]
TXD[1][2]
VDD1
176
95
90
68
58
56
55
RXDV[7]
RXER[6]
TXD[5][2]
RXDV[1]
LED<2>
53
161
163
184
194
59
TXD[6][1]
RXD[1][2]
TXD[0][2]
HIRD_CK
164
168
181
87
RXDV[6]
CRS[6]
RXCLK[2]
RXER[1]
TXD[1][3]
TXD[1][1]
TXEN[1]
RXCLK[0]
/BMA[15]
HIRD[3]
167
172
100
98
85
/LCOL100
RXD[7][1]
RXER[0]
TXEN[0]
/RST
HIRD[1]
VSS
175
183
185
193
79
74
COL_O[7]
TXD[7][0]
TXD[0][1]
CRS[0]
HIRD[2]
VDD
169
188
202
93
80
72
MDO
/BMWR
RXER[2]
RXCLK[1]
TXD[0][3]
VSS1
158
177
103
67
TXEN[7]
COL_O[6]
TXD[6][2]
LED_CK
182
199
201
92
73
69
TXD[7][3]
TXD[6][0]
RXD[6][3]
VDD
/HIRD_ER
180
189
205
76
RXER[7]
RXD[2][1]
TXER[1]
RXDV[0]
RXD[0][1]
LED<0>
160
173
179
191
102
97
88
86
84
AX88871AP
( Mode 1 )
VDD
MCLK
COL[0]
COL[1]
COL[5]
COL[6]
COL[7]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com