Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9053 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # DA9053
Description  Flexible High-Power System PMIC with 1.8 A Switching USB Power Manager
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9053 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button DA9053 Datasheet HTML 32Page - Renesas Technology Corp DA9053 Datasheet HTML 33Page - Renesas Technology Corp DA9053 Datasheet HTML 34Page - Renesas Technology Corp DA9053 Datasheet HTML 35Page - Renesas Technology Corp DA9053 Datasheet HTML 36Page - Renesas Technology Corp DA9053 Datasheet HTML 37Page - Renesas Technology Corp DA9053 Datasheet HTML 38Page - Renesas Technology Corp DA9053 Datasheet HTML 39Page - Renesas Technology Corp DA9053 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 185 page
background image
DA9053
Flexible High-Power System PMIC with 1.8 A
Switching USB Power Manager
Datasheet
Revision 2.1
31-Aug-2016
CFR0011-120-00
36 of 183
© 2016 Dialog Semiconductor
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output voltage accuracy
incl. static line / load
regulation
-3
Note 3
+3
%
Output voltage ripple
IOUT = IMAX
10
mV
Load regulation transient
VTRLOAD
IOUT = 0 mA /
500 mA,
dI/dt = 50 mA/µs
15
30
mV
Line regulation transient
VTRLINE
VDD = 3.0 V.to 3.6 V
IOUT = 500 mA
tr=tf=10 µs
3
8
mV
Output current
IMAX
2000
Note 4
mA
Current limit
(programmable)
ILIM
BUCKCORE_ILIM=
00
-20 %
1600
20 %
mA
BUCKCORE_ILIM=
01
-20 %
2000
20 %
mA
BUCKCORE_ILIM=
10
-20 %
2400
20 %
mA
BUCKCORE_ILIM=
11
-20 %
3000
20 %
mA
Quiescent current in
OFF mode
IQFF
1
µA
Quiescent current in
synchronous rectification
mode
IQON
open loop Note 5
4.0
mA
Switching frequency
f
2
MHz
Switching duty cycle
D
10
90
%
Turn on time
TON
2.2
ms
Output pull down resistor
@ VOUT = 0.5 V, can
be switched off via
CORE_PD_DIS
200
Ω
Efficiency
η
IOUT=30 mA to IMAX
VDD < 4.2 V
85
90
%
On resistance pMOS
RpMOS
incl. pin and routing
0.22
0.3
Ω
On resistance nMOS
RnMOS
incl. pin and routing
0.2
Ω
PFM mode
Output voltage
VBCORE
IOUT < 70 mA
0.5
Note 6
2.075
V
Typical mode switching
current
100
mA
Output current
IOUT
180
mA
Current limit
ILIM
-20 %
400
+30 %
mA
Quiescent current in
PFM mode
IQPFM
IOUT = 0 mA
50
70
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com