Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9053 Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # DA9053
Description  Flexible High-Power System PMIC with 1.8 A Switching USB Power Manager
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9053 Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button DA9053 Datasheet HTML 86Page - Renesas Technology Corp DA9053 Datasheet HTML 87Page - Renesas Technology Corp DA9053 Datasheet HTML 88Page - Renesas Technology Corp DA9053 Datasheet HTML 89Page - Renesas Technology Corp DA9053 Datasheet HTML 90Page - Renesas Technology Corp DA9053 Datasheet HTML 91Page - Renesas Technology Corp DA9053 Datasheet HTML 92Page - Renesas Technology Corp DA9053 Datasheet HTML 93Page - Renesas Technology Corp DA9053 Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 185 page
background image
DA9053
Flexible High-Power System PMIC with 1.8 A
Switching USB Power Manager
Datasheet
Revision 2.1
31-Aug-2016
CFR0011-120-00
90 of 183
© 2016 Dialog Semiconductor
13 GPIO Extender
The DA9053 includes a GPIO extender that offer up to 16 VDDOUT-tolerant (5.5 V max) general
purpose input/output pins; each controlled by registers from the host.
NOTE
The input voltage has to be lower than the VDDIO level selected for the port.
The GPIO ports are pin-shared with ports from GP-ADC, TSI-interface, HS-2-wire interface and
signals from the power manager and can be individually assigned. Configuration settings and events
from several GPIx ports are shared with alternate features. For example, if ADCIN5 was selected,
overriding the configured thresholds will trigger a GPI1 event that generates a maskable GPI1
interrupt. The GPI active High/Low setting from GPIOx_Type register and the selection of supply rail
(and pull-up resistor) is also valid for the alternate port features selected via GPIOx_PIN (for example
SYS_EN, PWR_EN and PWR1_EN). The same is true for GPIOx_MODE to enable triggering a
Wake-up event (ADCIN4, ADCIN5, SYS_EN, PWR_EN, PWR1_EN, HS-2-wire interface) for the
alternate features.
In ACTIVE and POWER-DOWN mode the GPIO Extender can continuously monitor the level of ports
that are selected as general purpose inputs. GPIs are supplied from the internal rail VDDCORE or
VDD_IO2 and can be configured to trigger events in active high or active low mode. The input signals
can be debounced or directly change the state of the assigned status register GPIx to high or low.
Whenever the status has changed to its configured active state (edge sensitive) the assigned event
register is set and the nIRQ signal is asserted (unless this nIRQ is masked inside the nIRQMASK
register). GPI 0, 3 to 11 and 13 to 15 will generate a system wake-up if debouncing is enabled. In
debouncing off mode GPI 12 enables/disables LDO9, the minimum enable time is 100 µs. The same
feature is available at GPI 1 for LDO4_EN and GPI 2 for LDO5_EN. Events on GPI10 can be used to
control the progress of the power sequencer. Processing ID WAIT_STEP will cause the sequencer to
wait until GPI 10 changes into active state.
If defined as an output the GPO can be configured as open-drain or push-pull. The supply rail can be
individually selected from either VDD_IO1 or VDD_IO2. When selecting VDD_IO1 in open-drain
mode, there is an internal pull-up resistor against this rail, otherwise an external pull-up resistor
towards the target voltage level is required. The output state will be assigned as configured by the
GPIO register bit GPIOx_MODE.
GPO 10 and 11 are high-power GPO ports, where the maximum sink current is rated to be 15 mA
and the maximum source current will be 4 mA. This enables driving LEDs with optional RTC timer
controlled flashing.
GPO 14 and 15 are high-power GPO ports able to sink up to 30 mA and include an optional PWM
control. The PWM control can also be made to dim the brightness between its current value and a
new value at a rate of 32 ms per step. In conjunction with the LED3 drive, which offers a similar PWM
mode, this creates a common anode tri-color LED brightness control.
Register
Address
Bit
Type
Label
Description
R21
GPIO_0-1
1:0
R/W
GPIO0_PIN
PIN assigned to
00: ADCIN4
01: GPI
10: GPO (Open drain)
11: GPO (Push-pull)
2
R/W
GPIO0_Type
0: GPI: active low
GPO: supplied from VDD_IO1/internal pull-up in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com