Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9053 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # DA9053
Description  Flexible High-Power System PMIC with 1.8 A Switching USB Power Manager
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9053 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button DA9053 Datasheet HTML 57Page - Renesas Technology Corp DA9053 Datasheet HTML 58Page - Renesas Technology Corp DA9053 Datasheet HTML 59Page - Renesas Technology Corp DA9053 Datasheet HTML 60Page - Renesas Technology Corp DA9053 Datasheet HTML 61Page - Renesas Technology Corp DA9053 Datasheet HTML 62Page - Renesas Technology Corp DA9053 Datasheet HTML 63Page - Renesas Technology Corp DA9053 Datasheet HTML 64Page - Renesas Technology Corp DA9053 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 185 page
background image
DA9053
Flexible High-Power System PMIC with 1.8 A
Switching USB Power Manager
Datasheet
Revision 2.1
31-Aug-2016
CFR0011-120-00
61 of 183
© 2016 Dialog Semiconductor
9.9
General Purpose Feedback Signal 1 (GP_FB1: EXT_WAKEUP/READY)
The feedback GP_FB1 supports two different modes. If configured as EXT_WAKEUP it is an active
high output signal to the host processor that indicates a valid wake-up event during POWER-DOWN
mode. External signals that are causing wake-up events are debounced before DA9053 assert the
EXT_WAKEUP signal. EXT_WAKEUP is released when entering the ACTIVE mode. If configured as
READY signal it indicates ongoing DVC or power sequencer activities. The signal is active low and is
asserted from DA9053 as long as the power sequencer processes IDs or DVC voltage transitions are
ongoing.
9.10 Power Domain Status (SYS_UP, PWR_UP/GP_FB2)
The power domain status indicators are active high and assigned after the sequencer has processed
all IDs of a power domain (all assigned supplies are up). When domains are disabled during power
mode transitions the status indicator is released before the DA9053 sequencer processes the last
step of a domain.
PWR_UP is one mode of the general purpose indicator GP_FB2 that can also be used as a
configurable feedback signal that is level/time controlled from the power sequencer.
9.11 Supply Rail Fault (nVDD_FAULT)
nVDD_FAULT is an active low output signal to the host processor to indicate a VDDOUT low status.
The assertion of nVDD_FAULT indicates that the main battery and the supply input voltage is low
and therefore informs the host processor that the power will shut down very soon. After that the
processor may operate for a limited time from the backup battery, which can provide power to the
processor for a few cycles. In the event of nVDD_FAULT assertion the processor may be
programmed to enter an emergency mode, for example external memory data refresh is no longer
performed.
9.12 Interrupt Request (nIRQ)
The nIRQ is an active low output signal which indicates that an interrupt causing event has occurred
and that the event and status information is available in the related registers. Such information can
be temperature and voltage of the PMIC, fault conditions, charging status, status changes at GPI
ports, and others. The event registers hold information about the events that have occurred. Events
are triggered by a status change at the monitored signals. When an event bit is set the nIRQ signal is
asserted (unless this interrupt is masked by a bit in the IRQ mask register). The nIRQ will not be
released until the event registers have been cleared.
9.13 Real Time Clock Output (OUT_32K)
The OUT_32K is an output signal that generates a buffered signal of the DA9053 32 kHz oscillator.
The 32 kHz oscillator will always run on the DA9053 following the initial start-up from NO-POWER
mode until the device has reached NO-POWER mode again. The signal output buffer can be
disabled during POWER-DOWN mode.
9.14 IO Supply Voltage (VDD_IO1 and VDD_IO2)
VDD_IO1 and VDD_IO2 are two independent IO supply rail inputs of DA9053 that can be individually
assigned to the power manager interface, power manager IOs and GPIOs. The rail assignment
determines the IO voltage levels and logical thresholds. The selection of the supply rail for GPIOs is
also partially used for their alternate functions. GPOs configured in open drain mode have to use the
VDD_IO1 rail if an internal pull-up resistor is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com