Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9053 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # DA9053
Description  Flexible High-Power System PMIC with 1.8 A Switching USB Power Manager
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9053 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button DA9053 Datasheet HTML 82Page - Renesas Technology Corp DA9053 Datasheet HTML 83Page - Renesas Technology Corp DA9053 Datasheet HTML 84Page - Renesas Technology Corp DA9053 Datasheet HTML 85Page - Renesas Technology Corp DA9053 Datasheet HTML 86Page - Renesas Technology Corp DA9053 Datasheet HTML 87Page - Renesas Technology Corp DA9053 Datasheet HTML 88Page - Renesas Technology Corp DA9053 Datasheet HTML 89Page - Renesas Technology Corp DA9053 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 185 page
background image
DA9053
Flexible High-Power System PMIC with 1.8 A
Switching USB Power Manager
Datasheet
Revision 2.1
31-Aug-2016
CFR0011-120-00
86 of 183
© 2016 Dialog Semiconductor
Register
Address
Bit
Type
Label
Description
4
R/W
BBAT_EN
0: Disables supply from backup battery
1: Automatic switch of VDD_REF to backup battery
enabled
5
R/W
WRITE_MODE
2-wire multiple write mode (setting used for both 2-
wire interfaces)
0: Page Write mode
1: Repeated Write mode
6
R/W
DEEP_SLEEP
If set to ‘1’ DA9053 goes to deep sleep mode
(sequencer stops at pointer PART_DOWN). The bit is
cleared back to ‘0’ automatically before powering up
from POWER-DOWN mode
7
R/W
SHUTDOWN
If set to ‘1’ the sequencer powers down to RESET
mode
The bit is cleared back to ‘0’ automatically before
leaving the RESET mode
Register
Address
Bit
Type
Label
Description
R16
CONTROL_C
0
R/W
PM_FB1_PIN
0: Feedback pin indicates EXT_WAKEUP events
(active high)
1: Feedback pin is used as READY indicator,
signalling ongoing power mode transitions (power
sequencer and DVC) (active low)
1
R/W
PM_FB2_PIN
0: Feedback pin indicates the status of domain
POWER1 (active high PWR1_UP)
1: Feedback pin is used as a configurable GP_FB
indicator, that is asserted from the power sequencer
4:2
R/W
DEBOUNCING
GPI, nONKEY and nSHUTDOWN debounce time
000: no debounce time
001: 10.24 ms
010: 20.48 ms
011: 40.96 ms
100: 102.40 ms
101: 1024 ms
110: 2048 ms
111: 5120 ms
6:5
R/W
BLINK_FRQ
GPO10/GPO11 flashing frequency
00: no blinking
01: every second
10: every two second
11: every two seconds enabled during PRE-CHARGE
mode and emergency charging
7
R/W
BLINK_DUR
GPO10/GPO11 flashing on-time
0:10 ms
1:40 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com