Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9053 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # DA9053
Description  Flexible High-Power System PMIC with 1.8 A Switching USB Power Manager
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9053 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button DA9053 Datasheet HTML 9Page - Renesas Technology Corp DA9053 Datasheet HTML 10Page - Renesas Technology Corp DA9053 Datasheet HTML 11Page - Renesas Technology Corp DA9053 Datasheet HTML 12Page - Renesas Technology Corp DA9053 Datasheet HTML 13Page - Renesas Technology Corp DA9053 Datasheet HTML 14Page - Renesas Technology Corp DA9053 Datasheet HTML 15Page - Renesas Technology Corp DA9053 Datasheet HTML 16Page - Renesas Technology Corp DA9053 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 185 page
background image
DA9053
Flexible High-Power System PMIC with 1.8 A
Switching USB Power Manager
Datasheet
Revision 2.1
31-Aug-2016
CFR0011-120-00
13 of 183
© 2016 Dialog Semiconductor
4
Pad Description
Figure 2: DA9053 Ballout (View From Top, Balls Through Package)
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
A
N C
V R E F
D C I N
_ P R O T
D C I N
_ P R O T
V B U S
_ P R O T
V B U S
_ P R O T
V C E N T R E
V S W
V S W
V D D O U T
V D D O U T
V B A T
V B A T
B
X O U T
V B B A T
D C I N _ S E L
D C I N
V B U S _ S E L
V B U S
N C
N C
N C
G P _ F B 1
_ G P I O _ 1 2
A D _ C O N T
V M E M
_ S W
D M I N U S
C
X I N
V D D _ R E F
N C
A D C I N 6
_ G P I O _ 2
A D C I N 5
_ G P I O _ 1
A D C I N 4
_ G P I O _ 0
N C
N C
N C
P W R _ E N
_ G P I O _ 9
n V D D
_ F A U L T
_ G P I O _ 1 3
V B U C K
M E M
D P L U S
D
V L D O 1
V D D C O R E
N C
N C
I R E F
V S S
_ N O I S Y
V S S
_ N O I S Y
N C
N C
S Y S _ E N
_ G P I O _ 8
n S H U T
D O W N
V P E R I
_ S W
V D D
B U C K
_ C O R E
E
V D D _ L D O 2
V D D _ L D O 1
N C
N C
V S S
_ N O I S Y
V S S
_ N O I S Y
V S S
_ N O I S Y
V S S
_ N O I S Y
V S S
_ N O I S Y
n I R Q
N C
V B U C K P E
R I
V D D
B U C K
_ C O R E
F
V L D O 5
V L D O 2
N C
N C
V S S
_ N O I S Y
V S S
_ N O I S Y
V S S
_ N O I S Y
V S S
_ N O I S Y
V S S
_ N O I S Y
n R E S E T
N C
V B U C K C O
R E
S W B U C K C
O R E
G
V L D O 6
V D D
_ L D O 5
N C
N C
V S S
_ Q U I E T
V S S
_ Q U I E T
V S S
_ N O I S Y
V S S
_ N O I S Y
V S S
_ N O I S Y
N C
N C
N C
S W B U C K C
O R E
H
V L D O 4
V D D
_ L D O 6
N C
N C
V S S
_ Q U I E T
V S S
_ Q U I E T
V S S
_ N O I S Y
V S S
_ N O I S Y
V S S
_ N O I S Y
N C
N C
N C
S W B U C K P
R O
J
V L D O 3
V D D
_ L D O 3 _ 4
N C
N C
V S S
_ Q U I E T
V S S
_ Q U I E T
V S S
_ N O I S Y
V S S
_ N O I S Y
V S S
_ N O I S Y
P W R _ U P _
G P _ F B 2
N C
N C
V D D
B U C K
_ P E R
_ P R O
K
V L D O 7
V D D
_ L D O 7 _ 8
N C
V D D _ I O 2
T S I X N
_ G P I O _ 5
T S I Y N
_ G P I O _ 3
T S I X P
_ G P I O _ 6
T S I Y P
_ G P I O _ 4
T S I R E F
_ G P I O _ 7
S I
N C S
O U T 3 2 K
V D D
B U C K
_ P E R
_ P R O
L
V L D O 8
P W R 1 _ E N
_ G P I O _ 1 0
A C C
_ I D _ D E T
_ G P I O _ 1 1
V D D _ I O 1
T P
T B A T
L E D 3 _ I N
L E D 2 _ I N
N C
S O
S K
S Y S _ U P
S W B U C K P
E R I
M
V L D O 9
C L K
_ G P I O _ 1 5
V D D
_ L D O 9 _ 1 0
N C
N C
N C
N C
N C
L E D 1 _ I N
S W
_ B O O S T
n O N K E Y
_ K E E P
_ A C T
V B U C K
P R O
S W B U C K M
E M
N
D A T A
_ G P I O _ 1 4
V L D O 1 0
N C
N C
N C
N C
N C
N C
B O O S T
_ S E N S E _ N
B O O S T
_ S E N S E _ P
B O O S T
_ P R O T
N C
V D D
B U C K
_ M E M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com