Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9053 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # DA9053
Description  Flexible High-Power System PMIC with 1.8 A Switching USB Power Manager
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9053 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button DA9053 Datasheet HTML 7Page - Renesas Technology Corp DA9053 Datasheet HTML 8Page - Renesas Technology Corp DA9053 Datasheet HTML 9Page - Renesas Technology Corp DA9053 Datasheet HTML 10Page - Renesas Technology Corp DA9053 Datasheet HTML 11Page - Renesas Technology Corp DA9053 Datasheet HTML 12Page - Renesas Technology Corp DA9053 Datasheet HTML 13Page - Renesas Technology Corp DA9053 Datasheet HTML 14Page - Renesas Technology Corp DA9053 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 185 page
background image
DA9053
Flexible High-Power System PMIC with 1.8 A
Switching USB Power Manager
Datasheet
Revision 2.1
31-Aug-2016
CFR0011-120-00
11 of 183
© 2016 Dialog Semiconductor
3
Generated Supply Domains
Table 1: Regulator Overview
Regulator
Supplied Pins
Supplied
Voltage (V)
Supplied Max
Current (mA)
External
Components
Notes
BUCKCORE
VBUCKCORE
0.5 to 2.075
±3 % accuracy
2000
2.2 µH
DVC, 2 MHz, 25 mV
steps,DVC ramp with
controlled slew rate; pull-
down resistor switch off
BUCKPRO
VBUCKPRO
0.5 to 2.075
±3 % accuracy
1000
2.2 µH
DVC, 2 MHz, 25 mV
steps,
DVC ramp with controlled
slew rate; pull-down
resistor switch off,
common supply with
BUCKPERI
BUCKMEM
VBUCKMEM;
VMEM_SW
0.95 to 2.525
±3% accuracy
1000
2.2 µH
DVC, 2 MHz, 25 mV
steps,
DVC ramp with controlled
slew rate; 2
nd output with
sequencer controllable
switch, pull-down resistor
switch off,
BUCKPERI
VBUCKPERI;
VPERI_SW
0.95 to 2.525
±3 % accuracy
1000
2.2 µH
2 MHz, 25 mV steps
2
nd output with
sequencer controllable
switch, common supply
with BUCKPRO
BOOST
Ext. FET
5 to 25,
regulated via
current
feedback
78
4.7 µH
Current controlled boost
converter for three strings
of up to six serial white
LEDs. Over voltage
protection via a voltage
feedback pin.
LDO1
VLDO1
0.6 to 1.8V
±3 % accuracy
40
1.0 µF
High PSSR, low noise
LDO, 50 mV steps, pull-
down resistor switch off
LDO2
VLDO2
0.6 to 1.8
±3 % accuracy
100
1.0 µF
DVC, digital LDO, 25 mV
steps, DVC ramp with
controlled slew rate, pull-
down resistor switch off
LDO3
VLDO3
1.725 to 3.3
±3 % accuracy
200
2.2 µF
DVC, digital LDO, 25 mV
steps, DVC with
controlled slew rate,
common supply with
LDO4
LDO4
VLDO4
1.725 to 3.3
±3 % accuracy
150
2.2 µF
Digital LDO, 25 mV steps,
optional HW control from
GPI1, common supply
with LDO3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com