Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9053 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # DA9053
Description  Flexible High-Power System PMIC with 1.8 A Switching USB Power Manager
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9053 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button DA9053 Datasheet HTML 93Page - Renesas Technology Corp DA9053 Datasheet HTML 94Page - Renesas Technology Corp DA9053 Datasheet HTML 95Page - Renesas Technology Corp DA9053 Datasheet HTML 96Page - Renesas Technology Corp DA9053 Datasheet HTML 97Page - Renesas Technology Corp DA9053 Datasheet HTML 98Page - Renesas Technology Corp DA9053 Datasheet HTML 99Page - Renesas Technology Corp DA9053 Datasheet HTML 100Page - Renesas Technology Corp DA9053 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 185 page
background image
DA9053
Flexible High-Power System PMIC with 1.8 A
Switching USB Power Manager
Datasheet
Revision 2.1
31-Aug-2016
CFR0011-120-00
97 of 183
© 2016 Dialog Semiconductor
Register
Address
Bit
Type
Label
Description
R28
GPIO_14-15
1:0
R/W
GPIO14_PIN
PIN assigned to
00: DATA (assigns GPIO15_PIN to CLK)
01: GPI
10: GPO (Open drain, PWM control)
11: GPO (Push-pull)
2
R/W
GPIO14_Type
0: GPI: active low
GPO: supplied from VDD_IO1/internal pull-up in open-
drain mode
1: GPI: active high
GPO: supplied from VDD_IO2/external pull-up in
open-drain mode
3
R/W
GPIO14_ MODE
0: GPI: debouncing off, no wake-up
HS-2-wire: no wake-up
GPO: Sets output to low level
1: GPI:debouncing on and generate wake-up
HS-2-wire: generate wake-up when interface was
accessed
GPO: Sets output to high level
5:4
R/W
GPIO15_PIN
PIN assigned to
00: CLK (see GPIO14_PIN)
01: GPI
10: GPO (Open drain, PWM control)
11: GPO (Push-pull)
6
R/W
GPIO15_Type
0: GPI: active low
GPO: supplied from VDD_IO1/internal pull-up in open-
drain mode
DATA/CLK supplied from VDD_IO1 (Note 1)
1: GPI: active high
GPO: supplied from VDD_IO2/external pull-up in
open-drain mode
DATA/CLK supplied from VDD_IO2
7
R/W
GPIO15_ MODE
0: GPI: debouncing off
GPO: Sets output to low level
1: GPI: debouncing on and generate wake-up
GPO: Sets output to high level
Note 1
In power commander mode the HS-2-wire IF is always supplied from VDDCORE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com