Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA210040 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RAA210040
Description  5V, 4A Step-Down DC/DC Mini Module with Integrated Inductor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA210040 Datasheet(HTML) 3 Page - Renesas Technology Corp

  RAA210040 Datasheet HTML 1Page - Renesas Technology Corp RAA210040 Datasheet HTML 2Page - Renesas Technology Corp RAA210040 Datasheet HTML 3Page - Renesas Technology Corp RAA210040 Datasheet HTML 4Page - Renesas Technology Corp RAA210040 Datasheet HTML 5Page - Renesas Technology Corp RAA210040 Datasheet HTML 6Page - Renesas Technology Corp RAA210040 Datasheet HTML 7Page - Renesas Technology Corp RAA210040 Datasheet HTML 8Page - Renesas Technology Corp RAA210040 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
R16DS0137EU0100 Rev.1.0
Page 3
Apr 13, 2021
RAA210040 Datasheet
1.
Overview
1.1
Typical Application Circuits
Figure 3. VOUT = 1.2V, fSW = 1.2MHz, PWM Mode, tSS = 1ms
RAA210040
2.7V to 5.5V Input
CIN
COUT
1.2V 4A Output
Power-Good
VIN
VOUT
EN
PGOOD
SYNC
FS
PGND
FB
SGND
COMP
100k

100k

390pF
820pF
2x22µF
2x22µF
169k

RFS
R1
C1
R2
C2
RRS
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com