Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA210040 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # RAA210040
Description  5V, 4A Step-Down DC/DC Mini Module with Integrated Inductor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA210040 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button RAA210040 Datasheet HTML 4Page - Renesas Technology Corp RAA210040 Datasheet HTML 5Page - Renesas Technology Corp RAA210040 Datasheet HTML 6Page - Renesas Technology Corp RAA210040 Datasheet HTML 7Page - Renesas Technology Corp RAA210040 Datasheet HTML 8Page - Renesas Technology Corp RAA210040 Datasheet HTML 9Page - Renesas Technology Corp RAA210040 Datasheet HTML 10Page - Renesas Technology Corp RAA210040 Datasheet HTML 11Page - Renesas Technology Corp RAA210040 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
R16DS0137EU0100 Rev.1.0
Page 8
Apr 13, 2021
RAA210040 Datasheet
VIN Undervoltage Lockout Threshold
VUVLO
Rising, no load
2.5
2.7
V
Falling, no load
2.2
2.45
V
Quiescent Supply Current
IVIN
SYNC = VIN=3.6V, fSW = 2MHz,
EN = high, IOUT = 0A
19
25
mA
SYNC = VIN=5V, fSW = 2MHz, EN
= high, IOUT = 0A
23
30
mA
Shutdown Supply Current
ISD
SYNC=VIN=5.5V, EN=low
4.5
10
uA
Output Regulation
Output Continuous Current Range[2]
IOUT
04
A
Output Voltage Range[2]
VOUT_RANGE
0.6
5
V
Output Voltage Accuracy[2]
VOUT_ACCY
Total variation with line, load, and
temperature (-40°C ≤ TJ ≤
+125°C)
-1.5
1.5
%
Line Regulation[2]
∆
VOUT/VOUT_S
ET
VIN from 2.7V to 5.5V, IOUT = 0A
-1
1
%
Load Regulation[2]
∆
VOUT/VOUT_S
ET
From 0A to 4A, VIN = 5V
-1
1
%
Output Ripple Voltage
VOUT(AC)
VIN = 5V, VOUT = 1.2V, IOUT = 4A,
fSW = 1.2MHz, 2x22µF ceramic
capacitor
8mVP-
P
Dynamic Characteristics
Voltage Change of Positive Load Step
VOUT_DP
Current slew rate = 2.5A/µs,
VIN = 5V, 2x22µF ceramic
capacitor VOUT = 1.2V, IOUT = 0A
to 4A
60
mV
Voltage Change of Negative Load Step
VOUT_DN
Current slew rate = 2.5A/µs,
VIN = 5V, 2x22µF ceramic
capacitor VOUT = 1.2V, IOUT = 4A
to 0A
60
mV
Current Protection
Current Limit Blanking Time
tOCON
17
clock
puls
es
Hiccup Time
thiccup
8ms
Positive Peak Current Limit
IPLIMIT
5.2
6.6
9
A
Negative Current Limit
INLIMIT
-6
-3
-0.6
A
EN Threshold
Logic Input Low
0.4
V
Logic Input High
0.9
V
EN Logic Input Leakage Current
Pulled up to 3.6V
0.1
1
uA
Default Internal Soft-Starting
Default Internal Output Ramping Time
tSS
SS=SGND
1
ms
Unless otherwise noted, all parameter limits are established across the recommended operating conditions and the specification limits
are measured at the following conditions: TA=-40°C to +125°C, VIN = 3.6V, VOUT = 1.2V, unless otherwise noted. Typical specifications
are measured at TA=+25°C. Boldface limits apply across the internal junction temperature range, -40°C to +125°C. (Cont.)
Parameter
Symbol
Test Conditions
Min[1]
Typ
Max[1]
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com