Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA210040 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # RAA210040
Description  5V, 4A Step-Down DC/DC Mini Module with Integrated Inductor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA210040 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button RAA210040 Datasheet HTML 13Page - Renesas Technology Corp RAA210040 Datasheet HTML 14Page - Renesas Technology Corp RAA210040 Datasheet HTML 15Page - Renesas Technology Corp RAA210040 Datasheet HTML 16Page - Renesas Technology Corp RAA210040 Datasheet HTML 17Page - Renesas Technology Corp RAA210040 Datasheet HTML 18Page - Renesas Technology Corp RAA210040 Datasheet HTML 19Page - Renesas Technology Corp RAA210040 Datasheet HTML 20Page - Renesas Technology Corp RAA210040 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
R16DS0137EU0100 Rev.1.0
Page 17
Apr 13, 2021
RAA210040 Datasheet
5.6
Undervoltage Lockout (UVLO)
When the input voltage is below the Undervoltage Lockout (UVLO) threshold, the module is disabled.
5.7
Soft Start-Up
The soft start-up reduces the inrush current during soft start-up. The soft-start block outputs a ramp reference to
the input of the error amplifier. This voltage ramp limits the inductor current and the output voltage rise time so that
the output voltage rises in a controlled fashion. When VFB is less than 0.1V at the beginning of the soft start-up,
the switching frequency is reduced to 200kHz, so that the output can start-up smoothly at light load conditions.
The RAA210040 supports pre-biased output condition during soft start-up. The default soft start-up period is
approximately 1ms.
5.8
External Synchronization Control
The operating frequency can be synchronized up to 4MHz by an external signal applied to the SYNC pin. The
rising edge of the SYNC signal triggers the rising edge of the PWM ON pulse. To ensure proper operation,
Renesas recommends using an external SYNC frequency within ±25% of the switching frequency set by the FS
pin.
5.9
Enable
The enable (EN) input allows you to control the turning on or off of the module for purposes such as power-up
sequencing. When the module is enabled, there is typically a 600µs delay for waking up the bandgap reference,
and then the soft start-up begins. EN should be held below the logic input low until VIN exceeds VUVLO rising
threshold.
5.10 Discharge Mode (Soft-Stop)
When a transition to shutdown mode occurs or the VIN UVLO is set, the discharge function is to ensure a defined
down-ramp of the output voltage and keep the output voltage close to 0V. The output voltage is discharged to
SGND through an internal 100Ω switch.
5.11 100% Duty Cycle
The RAA210040 features a 100% duty cycle operation to minimize the switching losses. When the input voltage
drops to a level that the RAA210040 can no longer maintain regulation at the output, the module completely turns
on the P-channel MOSFET. This is particularly useful in battery-powered applications to make full use of the
battery voltage and maximize the operation time.
Figure 35. External Frequency Synchronization Waveform, VIN = 5V, VOUT = 1.2V, fSYNC = 1.5MHz, IOUT = 0A
VSYNC 2V/Div
VOUT 10mV/Div
500ns/Div
1.5MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com