Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA210040 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RAA210040
Description  5V, 4A Step-Down DC/DC Mini Module with Integrated Inductor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA210040 Datasheet(HTML) 5 Page - Renesas Technology Corp

  RAA210040 Datasheet HTML 1Page - Renesas Technology Corp RAA210040 Datasheet HTML 2Page - Renesas Technology Corp RAA210040 Datasheet HTML 3Page - Renesas Technology Corp RAA210040 Datasheet HTML 4Page - Renesas Technology Corp RAA210040 Datasheet HTML 5Page - Renesas Technology Corp RAA210040 Datasheet HTML 6Page - Renesas Technology Corp RAA210040 Datasheet HTML 7Page - Renesas Technology Corp RAA210040 Datasheet HTML 8Page - Renesas Technology Corp RAA210040 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
R16DS0137EU0100 Rev.1.0
Page 5
Apr 13, 2021
RAA210040 Datasheet
2.
Pin Information
2.1
Pin Assignments
2.2
Pin Descriptions
Top View
Pin
Number
Pin
Name
Function
1
PGND
Power ground. Connect it close to the (-) terminals of the external input capacitors and output capacitors.
2
FB
Voltage setting pin. The module output voltage is set by an external resistor divider connected to FB. With
a properly selected divider, the output voltage is set to any voltage between 0.6V and 5V. Renesas also
recommends placing a ceramic capacitor in parallel to ensure system stability at extreme operating
conditions. Table 1 lists the resistor and capacitor values for various typical output voltages.
3
COMP
Compensation pin. COMP is the output of the transconductance error amplifier. For most applications,
directly connect COMP to VIN to select internal compensation to stabilize the system and achieve an
optimal transient response. For applications where external compensation is required, connect COMP to
SGND with an external compensation network.
4
SGND
Signal ground. Must connect it to EPAD for proper electrical performance.See Layout Guidelines for more
information.
5
VOUT
Power output of the module. Place the output capacitors as close as possible to the module output. See
Layout Guidelines for more information.
6
FS
Frequency selection pin. This pin sets the module switching frequency by connecting a resistor to SGND.
The frequency of operation can be programmed between 500kHz to 4MHz. The default frequency is
2MHz if FS is connected to VIN.
7
EN
Module enable pin. Enable the module by driving EN high. Shuts down the module and discharge the
output capacitor when driven low. Typically tied to VIN directly. Note: Do not leave this pin floating.
8
SYNC
Synchronization pin. Connect to logic high or the input voltage (VIN) for PWM mode. Drive with a 500kHz
to 4MHz square wave for external synchronization. Note: Do not leave this pin floating.
9
PG
Power-good pin. Power-good is an open-drain output. Use a 10kΩ to 100kΩ pull-up resistor connected
between VIN and PG. During power-up or EN start-up, the PG rising edge is delayed by 1ms after the
output is in regulation.
10
VIN
Power input of the module. Tie directly to the input rail between 2.7V~5.5V. Note: You must place
minimum total 2x22µF X7R input ceramic capacitors as close as possible to the module input. Add
additional capacitance if possible. See Layout Guidelines for more information.
-
EPAD
Power ground. Must connect it to SGND for proper electrical performance. Place as many vias as
possible under the EPAD for optimal thermal performance.
PGND
VIN
COMP
PG
SGND
VOUT
EN
SYNC
FS
FB
1
2
3
4
56
7
8
9
10
EPAD
3mm
1.7mm
3mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com